Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 29 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 25Page - Texas Instruments CC113LRGPR Datasheet HTML 26Page - Texas Instruments CC113LRGPR Datasheet HTML 27Page - Texas Instruments CC113LRGPR Datasheet HTML 28Page - Texas Instruments CC113LRGPR Datasheet HTML 29Page - Texas Instruments CC113LRGPR Datasheet HTML 30Page - Texas Instruments CC113LRGPR Datasheet HTML 31Page - Texas Instruments CC113LRGPR Datasheet HTML 32Page - Texas Instruments CC113LRGPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
0,1,..........,88,....................255,0,........,88,..................,255,0,........,88,.......................,255,0, ......
Internal byte counter in packet handler counts from 0 to 255 and then starts at 0 again
Infinite packet length enabled
600 bytes received
Fixed packet length mode
enabled when less than 256
bytes remains of packet
Length field received. PKTLEN set to
mode(600, 256) = 88
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
When for example a 600-byte packet is to be received, the MCU should do the following (see
Figure 5-7).
•
Set PKTCTRL0.LENGTH_CONFIG=2.
•
Receive enough bytes to interpret the length field
•
Program the PKTLEN register to mod(600, 256) = 88.
•
Receive at least 345 bytes (600 - 255)
•
Set PKTCTRL0.LENGTH_CONFIG=0.
•
The reception ends when the packet counter reaches 88. A total of 600 bytes have been received.
Figure 5-7. Packet Length > 255
5.10.2 Packet Filtering
CC113L supports three different types of packet-filtering; address filtering, maximum length filtering, and
CRC filtering.
5.10.2.1 Address Filtering
Setting PKTLEN.ADR_CHK to any other value than zero enables the packet address filter. The packet
handler engine will compare the destination address byte in the packet with the programmed node
address in the PKTCTRL0 register and the 0x00 broadcast address when PKTLEN.ADR_CHK=10 or both
the 0x00 and 0xFF broadcast addresses when PKTLEN.ADR_CHK=11. If the received address matches a
valid address, the packet is received and written into the RX FIFO. If the address match fails, the packet is
discarded and receive mode restarted (regardless of the MCSM1.RXOFF_MODE setting).
If the received address matches a valid address when using infinite packet length mode and address
filtering is enabled, 0xFF will be written into the RX FIFO followed by the address byte and then the
payload data.
5.10.2.2 Maximum Length Filtering
In variable packet length mode, PKTCTRL0.LENGTH_CONFIG=1, the PKTLEN.PACKET_LENGTH
register value is used to set the maximum allowed packet length. If the received length byte has a larger
value
than
this,
the
packet
is
discarded
and
receive
mode
restarted
(regardless
of
the
MCSM1.RXOFF_MODE setting).
5.10.2.3 CRC Filtering
The filtering of a packet when CRC check fails is enabled by setting PKTLEN.CRC_AUTOFLUSH=1. The
CRC auto flush function will flush the entire RX FIFO if the CRC check fails. After auto flushing the RX
FIFO, the next state depends on the MCSM1.RXOFF_MODE setting.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com