Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 77 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 77 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 73Page - Texas Instruments CC113LRGPR Datasheet HTML 74Page - Texas Instruments CC113LRGPR Datasheet HTML 75Page - Texas Instruments CC113LRGPR Datasheet HTML 76Page - Texas Instruments CC113LRGPR Datasheet HTML 77Page - Texas Instruments CC113LRGPR Datasheet HTML 78Page - Texas Instruments CC113LRGPR Datasheet HTML 79Page - Texas Instruments CC113LRGPR Datasheet HTML 80Page - Texas Instruments CC113LRGPR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
7.4
Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
7.5
Export Control Notice
Recipient agrees to not knowingly export or re-export, directly or indirectly, any product or technical data
(as defined by the U.S., EU, and other Export Administration Regulations) including software, or any
controlled product restricted by other applicable national regulations, received from Disclosing party under
this Agreement, or any direct product of such technology, to any destination to which such export or re-
export is restricted or prohibited by U.S. or other applicable laws, without obtaining prior authorization from
U.S. Department of Commerce and other competent Government authorities to the extent required by
those laws.
7.6
Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms and definitions.
7.7
Additional Acronyms
Additional acronyms used in this data sheet are described below.
2-FSK
Binary Frequency Shift Keying
4-FSK
Quaternary Frequency Shift Keying
ADC
Analog to Digital Converter
AFC
Automatic Frequency Compensation
AGC
Automatic Gain Control
AMR
Automatic Meter Reading
BER
Bit Error Rate
BT
Bandwidth-Time product
CFR
Code of Federal Regulations
CRC
Cyclic Redundancy Check
CS
Carrier Sense
DC
Direct Current
DVGA
Digital Variable Gain Amplifier
ESR
Equivalent Series Resistance
FCC
Federal Communications Commission
FIFO
First-In-First-Out
FS
Frequency Synthesizer
GFSK
Gaussian shaped Frequency Shift Keying
IF
Intermediate Frequency
I/Q
In-Phase/Quadrature
ISM
Industrial, Scientific, Medical
LC
Inductor-Capacitor
Copyright © 2011–2014, Texas Instruments Incorporated
Device and Documentation Support
77
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com