Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 30Page - Analog Devices ADV7182 Datasheet HTML 31Page - Analog Devices ADV7182 Datasheet HTML 32Page - Analog Devices ADV7182 Datasheet HTML 33Page - Analog Devices ADV7182 Datasheet HTML 34Page - Analog Devices ADV7182 Datasheet HTML 35Page - Analog Devices ADV7182 Datasheet HTML 36Page - Analog Devices ADV7182 Datasheet HTML 37Page - Analog Devices ADV7182 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
ADV7182
Data Sheet
CG[11:0], Chroma Gain, Address 0x2D[3:0],
Address 0x2E[7:0]; CMG[11:0], Chroma Manual Gain,
Address 0x2D[3:0], Address 0x2E[7:0]
Chroma gain[11:0] is a dual-function register. If written to, a
desired manual chroma gain can be programmed. This gain
becomes active if the CAGC[1:0] function is switched to manual
fixed gain. See Equation 2 for calculating a desired gain.
If read back, this register returns the current gain value. Depending
on the setting in the CAGC[1:0] bits, this is either:
•
The chroma manual gain value (CAGC[1:0] set to chroma
manual gain mode).
•
The chroma automatic gain value (CAGC[1:0] set to either
of the automatic modes).
Table 47. CG/CMG Function
CG[11:0]/CMG[11:0]
Read/Write
Description
CMG[11:0]
Write
Manual gain for chroma path
CG[11:0]
Read
Currently active gain
Chroma_Gain
tor
brationFac
ChromaCali
CMG
decimal
]
0
:
11
[
≅
(2)
where ChromaCalibrationFactor is a decimal value between 0
and 4095.
Calculation of Chroma Calibration Factor
Take the following steps to calculate the chroma calibration factor:
1. Apply a CVBS signal with the color bars/SMPTE bars test
pattern content directly to the measurement equipment.
2. Ensure correct termination of 75 Ω on the measurement
equipment. Measure chroma output levels.
3. Reconnect the source to the CVBS input of the ADV7182
system that has a back end gain of 1. Repeat the measurement
of chroma levels.
4. Turn off the chroma AGC and manually change the
chroma gain control register, CMG[11:0], until the chroma
level matches that measured directly from the source.
This value, in decimal, is the chroma calibration factor.
CKE, Color Kill Enable, Address 0x2B[6]
The color kill enable bit allows the optional color kill function
to be switched on or off.
For QAM-based video standards (PAL and NTSC), as well as
FM-based systems (SECAM), the threshold for the color kill
decision is selectable via the CKILLTHR[2:0] bits.
If color kill is enabled and the color carrier of the incoming
video signal is less than the threshold for 128 consecutive video
lines, color processing is switched off (black and white output).
To switch the color processing back on, another 128 consecutive
lines with a color burst greater than the threshold are required.
The color kill option works only for input signals with a modulated
chroma part. For component input (YPrPb), there is no color kill.
Set CKE to 0 to disable color kill.
Set CKE to 1 (default) to enable color kill.
CKILLTHR[2:0], Color Kill Threshold, Address 0x3D[6:4]
The CKILLTHR[2:0] bits allow the user to select a threshold for
the color kill function. The threshold applies only to QAM-based
(NTSC and PAL) or FM-modulated (SECAM) video standards.
To enable the color kill function, the CKE bit must be set. For the
000, 001, 010, and 011 settings, chroma demodulation inside
the ADV7182 may not work satisfactorily for poor input video
signals.
Table 48. CKILLTHR Function
Description
CKILLTHR[2:0]
NTSC, PAL
SECAM
000
Kill at <0.5%
No color kill
001
Kill at <1.5%
Kill at <5%
010 (default)
Kill at <2.5%
Kill at <7%
011
Kill at <4%
Kill at <8%
100
Kill at <8.5%
Kill at <9.5%
101
Kill at <16%
Kill at <15%
110
Kill at <32%
Kill at <32%
111
Reserved for Analog Devices internal use only;
do not select
| Page 34 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com