| Electronic Components Datasheet Search |
|
ADV7182 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7182 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 96 page ![]() ADV7182 Data Sheet VIDEO PROCESSOR Figure 12. Block Diagram of Video Processor Figure 12 shows a block diagram of the ADV7182 video processor. The ADV7182 can handle standard definition video in CVBS, Y/C, and YPrPb formats. It can be divided into a luminance and chrominance path. If the input video is of a composite type (CVBS), both processing paths are fed with the CVBS input. SD LUMA PATH The input signal is processed by the following blocks: • Luma digital fine clamp. This block uses a high precision algorithm to clamp the video signal. • Luma filter. This block contains a luma decimation filter (YAA) with a fixed response and some shaping filters (YSH) that have selectable responses. • Luma gain control. The AGC can operate on a variety of different modes, including gain based on the depth of the horizontal sync pulse, peak white mode, and fixed manual gain. • Luma resample. To correct for line length errors as well as dynamic line length changes, the data is digitally resampled. • Luma 2D comb. The 2D comb filter provides Y/C separation. • AV code insertion. At this point, the decoded luma (Y) signal is merged with the retrieved chroma values. AV codes can be inserted (as per ITU-R BT.656). SD CHROMA PATH The input signal is processed by the following blocks: • Chroma digital fine clamp. This block uses a high precision algorithm to clamp the video signal. • Chroma demodulation. This block employs a color subcarrier (fSC) recovery unit to regenerate the color subcarrier for any modulated chroma scheme. The demodulation block then performs an AM demodulation for PAL and NTSC, and an FM demodulation for SECAM. • Chroma filter. This block contains a chroma decimation filter (CAA) with a fixed response and some shaping filters (CSH) that have selectable responses. • Chroma gain control. AGC can operate on several different modes, including gain based on the color subcarrier amplitude, gain based on the depth of the horizontal sync pulse on the luma channel, or fixed manual gain. • Chroma resample. The chroma data is digitally resampled to keep it perfectly aligned with the luma data. The resampling is done to correct for static and dynamic line length errors of the incoming video signal. • Chroma 2D comb. The 2D, five line, superadaptive comb filter provides high quality Y/C separation in case the input signal is CVBS. • AV code insertion. At this point, the demodulated chroma (Cr and Cb) signal is merged with the retrieved luma values. AV codes can be inserted (as per ITU-R BT.656). DIGITIZED CVBS DIGITIZED Y (YC) VIDEO DATA OUTPUT STANDARD DEFINITION PROCESSOR DIGITIZED CVBS DIGITIZED C (YC) MACROVISION DETECTION VBI DATA RECOVERY STANDARD AUTODETECTION LUMA FILTER LUMA DIGITAL FINE CLAMP LUMA GAIN CONTROL LUMA RESAMPLE LUMA 2D COMB SLLC CONTROL CHROMA FILTER CHROMA DEMOD fSC RECOVERY CHROMA DIGITAL FINE CLAMP CHROMA GAIN CONTROL CHROMA RESAMPLE CHROMA 2D COMB SYNC EXTRACT LINE LENGTH PREDICTOR RESAMPLE CONTROL AV CODE INSERTION ACE DITHER MEASUREMENT BLOCK (≥ I2C) VIDEO DATA PROCESSING BLOCK | Page 20 of 96 Rev. C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |