Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 35Page - Analog Devices ADV7182 Datasheet HTML 36Page - Analog Devices ADV7182 Datasheet HTML 37Page - Analog Devices ADV7182 Datasheet HTML 38Page - Analog Devices ADV7182 Datasheet HTML 39Page - Analog Devices ADV7182 Datasheet HTML 40Page - Analog Devices ADV7182 Datasheet HTML 41Page - Analog Devices ADV7182 Datasheet HTML 42Page - Analog Devices ADV7182 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Data Sheet
ADV7182
IF FILTER COMPENSATION
IFFILTSEL[2:0], IF Filter Select, Address 0xF8[2:0]
The IFFILTSEL[2:0] register allows the user to compensate for
SAW filter characteristics on a composite input, as would be
observed on tuner outputs. Figure 29 and Figure 30 show IF
filter compensation for NTSC and PAL, respectively.
The options for this feature are as follows:
•
Bypass mode
•
NTSC, consisting of three filter characteristics
•
PAL, consisting of three filter characteristics
See Table 95 for programming details.
Figure 29. NTSC IF Filter Compensation
Figure 30. PAL IF Filter Compensation
ADAPTIVE CONTRAST ENHANCEMENT (ACE)
ACE allows for the contrast of an image to be increased, depending
on the content of the picture. Normally, this allows bright areas
to be made brighter and dark areas to be made darker. However,
the ADV7182 ACE feature also allows for the contrast within
dark areas to be increased without significantly affecting bright
areas. This is particularly useful in automotive applications where it
can be important to be able to discern objects in shaded areas.
The ACE feature works by sampling the chroma and luma levels
in the inputted image. This information is then histogrammed,
and the resulting correction is applied to the entire image. This
correction is done in a nonlinear fashion so that more correction
can be applied to dark areas if required.
For normal use, the luma and chroma gain controls can be
used; however, in automotive applications, where dark areas
may need to be further enhanced, also use the gamma gain
controls.
The reaction time of the ACE function can be set using the
ACE_RESPONSE_SPEED[7:4] bits (see Table 96). The corrected
image is faded over the original image using alpha blending,
giving a gradual change in contrast with scene changes. The ACE_
RESPONSE_SPEED[7:4] bits determine the duration of the
transition from the original to the corrected image. A larger value
for these bits results in a faster transition time; however, a smaller
value gives more stability to rapid scene changes.
The ACE_CHROMA_MAX[7:4] bits are used to set a
maximum value that clips the chroma gain regardless of
the ACE_CHROMA_GAIN[3:0] settings.
The ACE_GAMMA_GAIN[3:0] bits are particularly useful in
automotive applications because they allow dramatic image
enhancement in dark regions by stretching the contrast of pixels
at the low (dark) values of the image histogram. The luma and
chroma gain controls are normally used; however, the
ACE_GAMMA_GAIN[3:0] bits should be used when further
stretching of the contrast in the dark areas of an image is needed.
ACE_ENABLE, User Sub Map 2, Address 0x80[7]
Enables ACE.
Table 62. ACE_ENABLE Function
ACE_ENABLE
Description
0 (default)
Disable ACE
1
Enable ACE
6
–12
2.0
5.0
FREQUENCY (MHz)
IF COMP FILTERS NTSC ZOOMED AROUND FSC
4
2
0
–2
–4
–6
–8
–10
2.5
3.0
3.5
4.0
4.5
6
–8
3.0
6.0
FREQUENCY (MHz)
IF COMP FILTERS PAL ZOOMED AROUND
fSC
4
2
0
–2
–4
–6
3.5
4.0
4.5
5.0
5.5
| Page 39 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com