Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 20Page - Analog Devices ADV7182 Datasheet HTML 21Page - Analog Devices ADV7182 Datasheet HTML 22Page - Analog Devices ADV7182 Datasheet HTML 23Page - Analog Devices ADV7182 Datasheet HTML 24Page - Analog Devices ADV7182 Datasheet HTML 25Page - Analog Devices ADV7182 Datasheet HTML 26Page - Analog Devices ADV7182 Datasheet HTML 27Page - Analog Devices ADV7182 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
ADV7182
Data Sheet
SD_SAT_Cr[7:0], SD Saturation Cr Channel,
Address 0xE4[7:0]
This register allows the user to control the gain of the Cr channel
only, which in turn adjusts the saturation of the picture.
Table 26. SD_SAT_Cr Function
SD_SAT_Cr[7:0]
Description
0x80 (default)
Gain on Cr channel = 0 dB
0x00
Gain on Cr channel = −42 dB
0xFF
Gain on Cr channel = +6 dB
SD_OFF_Cb[7:0], SD Offset Cb Channel, Address 0xE1[7:0]
This register allows the user to select an offset for the Cb channel
only and to adjust the hue of the picture. There is a functional
overlap with the HUE[7:0] register (Address 0x0B).
Table 27. SD_OFF_Cb Function
SD_OFF_Cb[7:0]
Description
0x80 (default)
0 mV offset applied to the Cb channel
0x00
−312 mV offset applied to the Cb channel
0xFF
+312 mV offset applied to the Cb channel
SD_OFF_Cr[7:0], SD Offset Cr Channel, Address 0xE2[7:0]
This register allows the user to select an offset for the Cr channel
only and to adjust the hue of the picture. There is a functional
overlap with the HUE[7:0] register.
Table 28. SD_OFF_Cr Function
SD_OFF_Cr[7:0]
Description
0x80 (default)
0 mV offset applied to the Cr channel
0x00
−312 mV offset applied to the Cr channel
0xFF
+312 mV offset applied to the Cr channel
BRI[7:0], Brightness Adjust, Address 0x0A[7:0]
This register controls the brightness of the video signal. It allows
the user to adjust the brightness of the picture.
Table 29. BRI Function
BRI[7:0]
Description
0x00 (default)
Offset of the luma channel = 0 IRE
0x7F
Offset of the luma channel = +30 IRE
0x80
Offset of the luma channel = −30 IRE
HUE[7:0], Hue Adjust, Address 0x0B[7:0]
This register contains the value for the color hue adjustment. It
allows the user to adjust the hue of the picture.
HUE[7:0] has a range of ±90°, with 0x00 equivalent to an
adjustment of 0°. The resolution of HUE[7:0] is 1 bit = 0.7°.
The hue adjustment value is fed into the AM color demodulation
block. Therefore, it applies only to video signals that contain
chroma information in the form of an AM-modulated carrier
(CVBS or Y/C in PAL or NTSC). It does not affect SECAM
and does not work on component video inputs (YPrPb).
Table 30. HUE Function
HUE[7:0]
Description (Adjust Hue of the Picture)
0x00 (default)
Phase of the chroma signal = 0°
0x7F
Phase of the chroma signal = −90°
0x80
Phase of the chroma signal = +90°
DEF_Y[5:0], Default Value Y, Address 0x0C[7:2]
When the ADV7182 loses lock on the incoming video signal or
when there is no input signal, the DEF_Y[5:0] register allows
the user to specify a default luma value to be output. This value
is used under the following conditions:
•
If the DEF_VAL_AUTO_EN bit is 1 and the ADV7182 has
lost lock to the input video signal, this is the intended
mode of operation (automatic mode).
•
If the DEF_VAL_EN bit is 1, regardless of the lock status of
the video decoder, this is a forced mode that may be useful
during configuration.
The DEF_Y[5:0] values define the six MSBs of the output video.
The remaining LSBs are padded with 0s. For example, in 8-bit
mode, the output is Y[7:0] = {DEF_Y[5:0], 0, 0}.
For DEF_Y[5:0], 0x0D (blue) is the default value for Y.
Register 0x0C has a default value of 0x36.
DEF_C[7:0], Default Value C, Address 0x0D[7:0]
The DEF_C[7:0] register complements the DEF_Y[5:0] value. It
defines the four MSBs of Cr and Cb values to be output if:
•
The DEF_VAL_AUTO_EN bit is set to high and the
ADV7182 cannot lock to the input video (automatic mode).
•
The DEF_VAL_EN bit is set to high (forced output).
The data that is finally output from the ADV7182 for the chroma
side is Cr[4:0] = {DEF_C[7:4]} and Cb[4:0] = {DEF_C[3:0]}.
For DEF_C[7:0], 0x7C (blue) is the default value for Cr and Cb.
| Page 24 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com