Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 84 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 80Page - Analog Devices ADV7182 Datasheet HTML 81Page - Analog Devices ADV7182 Datasheet HTML 82Page - Analog Devices ADV7182 Datasheet HTML 83Page - Analog Devices ADV7182 Datasheet HTML 84Page - Analog Devices ADV7182 Datasheet HTML 85Page - Analog Devices ADV7182 Datasheet HTML 86Page - Analog Devices ADV7182 Datasheet HTML 87Page - Analog Devices ADV7182 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
ADV7182
Data Sheet
User Sub Map 2
Bits
(Shading Indicates Default State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0xE5
Y Average 4
LINE_START[0]
1
LINE_END[0]
1
Reserved
0
0
SAMPLE_START[1:0]
1
0
SAMPLE_END[1:0]
0
0
0xE6
Y Average 5
CAPTURE_VALUE
0
Trigger used to store the readback
value.
Y_AVG_FILT_EN
0
Enable low pass filtering of the
y_averaged signal.
Y_AVG_TIME_CONST[2:0]
1
0
0
Selects the filter cutoff to be used for
filtering the y averaged data.
3’b1xx = least filtered.
3’b000 = next least.
…
3’b011 = heavily filtered.
Reserved
0
0
0
0xE7
Y Average Data
MSB
Y_AVERAGE[9:2]
x
x
x
x
x
x
x
x
Contains the averaged video data.
Note these are read
only registers
0xE8
Y Average Data
LSB
Y_AVERAGE[1:0]
x
x
| Page 84 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com