Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 7Page - Analog Devices ADV7182 Datasheet HTML 8Page - Analog Devices ADV7182 Datasheet HTML 9Page - Analog Devices ADV7182 Datasheet HTML 10Page - Analog Devices ADV7182 Datasheet HTML 11Page - Analog Devices ADV7182 Datasheet HTML 12Page - Analog Devices ADV7182 Datasheet HTML 13Page - Analog Devices ADV7182 Datasheet HTML 14Page - Analog Devices ADV7182 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
Data Sheet
ADV7182
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1, 4
DGND
G
Ground for Digital Supply.
2
DVDDIO
P
Digital I/O Supply Voltage (1.8 V to 3.3 V).
3, 13
DVDD
P
Digital Supply Voltage (1.8 V).
5 to 12
P7 to P0
O
Video Pixel Output Port.
14
XTALP
O
This pin should be connected to the 28.6363 MHz crystal or not connected if an external
1.8 V, 28.6363 MHz clock oscillator source is used to clock the ADV7182. In crystal mode, the
crystal must be a fundamental crystal.
15
XTALN
I
Input Pin for the 28.6363 MHz Crystal. This pin can be overdriven by an external 1.8 V,
28.6363 MHz clock oscillator source. In crystal mode, the crystal must be a fundamental crystal.
16
PVDD
P
PLL Supply Voltage (1.8 V).
17, 18, 22, 23
AIN1 to AIN4
I
Analog Video Input Channels.
19
VREFP
O
Internal Voltage Reference Output.
20
VREFN
O
Internal Voltage Reference Output.
21
AVDD
P
Analog Supply Voltage (1.8 V).
24
INTRQ
O
Interrupt Request Output. Interrupt occurs when certain signals are detected on the input video.
25
RESET
I
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to
reset the ADV7182 circuitry.
26
ALSB
I
This pin selects the I2C address for the ADV7182. For ALSB set to Logic 0, the address
selected for a write is 0x40; for ALSB set to Logic 1, the address selected is 0x42.
27
SDATA
I/O
I2C Port Serial Data Input/Output Pin.
28
SCLK
I
I2C Port Serial Clock Input. The maximum clock rate is 400 kHz.
29
VS/FIELD/SFL
O
Vertical Synchronization Output Signal/Field Synchronization Output Signal/Subcarrier
Frequency Lock. This pin contains a serial output stream that can be used to lock the subcarrier
frequency when this decoder is connected to any Analog Devices digital video encoder.
30
HS
O
Horizontal Synchronization Output Signal.
31
PWRDWN
I
A logic low on this pin places the ADV7182 is in power-down mode.
32
LLC
O
Line-Locked Output Clock for Output Pixel Data. Nominally 27 MHz but varies up or down
according to the video line length.
EPAD (EP)
The exposed pad must be connected to DGND.
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO DGND.
24 INTRQ
23 AIN4
22 AIN3
21 AVDD
20 VREFN
19 VREFP
18 AIN2
17 AIN1
1
2
3
4
5
6
7
8
DGND
DVDDIO
DVDD
DGND
P7
P6
P5
P4
ADV7182
TOP VIEW
(Not to Scale)
| Page 11 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com