Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 45Page - Analog Devices ADV7182 Datasheet HTML 46Page - Analog Devices ADV7182 Datasheet HTML 47Page - Analog Devices ADV7182 Datasheet HTML 48Page - Analog Devices ADV7182 Datasheet HTML 49Page - Analog Devices ADV7182 Datasheet HTML 50Page - Analog Devices ADV7182 Datasheet HTML 51Page - Analog Devices ADV7182 Datasheet HTML 52Page - Analog Devices ADV7182 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
Data Sheet
ADV7182
Figure 41. PAL FIELD Toggle
PFTOGDELO, PAL FIELD Toggle Delay on Odd Field,
Address 0xEA[7]
When PFTOGDELO is 0 (default), there is no delay.
Setting PFTOGDELO to 1 delays the FIELD toggle/transition
by one line relative to PFTOG (odd field).
PFTOGDELE, PAL FIELD Toggle Delay on Even Field,
Address 0xEA[6]
When PFTOGDELE is 0, there is no delay.
Setting PFTOGDELE to 1 (default) delays the FIELD
toggle/transition by one line relative to PFTOG (even field).
PFTOGSIGN, PAL FIELD Toggle Sign, Address 0xEA[5]
Setting PFTOGSIGN to 0 delays the field transition and set to
low when manual programming.
Setting PFTOGSIGN to 1 (default) advances the field transition;
however, it is not suitable for user programming.
PFTOG, PAL FIELD Toggle, Address 0xEA[4:0]
The default value of PFTOG is 00011, indicating the PAL field
toggle position.
For all NTSC/PAL field timing controls, the F bit in the AV
code and the FIELD signal are modified.
SYNC PROCESSING
The ADV7182 has two additional sync processing blocks that
postprocess the raw synchronization information extracted
from the digitized input video. If desired, the blocks can be
disabled via the following two I2C bits: ENHSPLL and
ENVSPROC.
ENHSPLL, Enable HSYNC Processor, Address 0x01[6]
The HSYNC processor is designed to filter incoming HSYNCs that
have been corrupted by noise, providing improved performance
for video signals with stable time bases but poor SNR.
Setting ENHSPLL to 0 disables the HSYNC processor.
Setting ENHSPLL to 1 (default) enables the HSYNC processor.
ENVSPROC, Enable VSYNC Processor, Address 0x01[3]
This block provides extra filtering of the detected VSYNCs to
improve vertical lock.
Setting ENVSPROC to 0 disables the VSYNC processor.
Setting ENVSPROC to 1 (default) enables the VSYNC processor.
VBI DATA DECODE
The VBI data processor (VDP) on the ADV7182 can slice both
low bandwidth standards and high bandwidth standards such as
teletext.
The VDP is capable of slicing multiple VBI data standards on
SD video. It decodes the VBI data on the incoming CVBS and
Y/C or YUV data. The decoded results are available as ancillary
data in output 656 data stream. For low data rate VBI standards
like CC/WSS/CGMS, the decoded data bytes can be read from
the I2C registers.
The VBI data standards that can be decoded by the VDP are
listed in Table 73 and Table 74.
Table 73. PAL
Feature
Standard
Teletext System A, Teletext System C, or
Teletext System D
ITU-R BT.653
Teletext System B/ Teletext System WST
ITU-R BT.653
Wide Screen Signaling (WSS)
ITU-R BT.1119-1/
ETSI EN.300294
Closed Captioning (CCAP)
Not applicable
Table 74. NTSC
Feature
Standard
Teletext System B and Teletext System D
ITU-R BT.653
Teletext System C/ Teletext System NABTS
ITU-R BT.653/
EIA-516
Copy Generation Management System (CGMS)
EIA-J CPR-1204/
IEC 61880
Closed Captioning (CCAP)
EIA-608
ADVANCE TOGGLE OF
FIELD BY PFTOG[4:0]
DELAY TOGGLE OF
FIELD BY PFTOG[4:0]
PFTOGSIGN
ODD FIELD?
0
1
NO
YES
PFTOGDELE
ADDITIONAL
DELAY BY
1 LINE
1
0
PFTOGDELO
ADDITIONAL
DELAY BY
1 LINE
1
0
FIELD
TOGGLE
NOT VALID FOR USER
PROGRAMMING
| Page 49 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com