Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 69 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 65Page - Analog Devices ADV7182 Datasheet HTML 66Page - Analog Devices ADV7182 Datasheet HTML 67Page - Analog Devices ADV7182 Datasheet HTML 68Page - Analog Devices ADV7182 Datasheet HTML 69Page - Analog Devices ADV7182 Datasheet HTML 70Page - Analog Devices ADV7182 Datasheet HTML 71Page - Analog Devices ADV7182 Datasheet HTML 72Page - Analog Devices ADV7182 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
Data Sheet
ADV7182
Main Map
Bits
(Shading Indicates Default State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0x04
Extended
output control
Range; allows the user to select
the range of output values; can
be ITU-R BT.656 compliant or can
fill the whole accessible number
range
0
16 ≤ Y ≤ 235, 16 ≤ C/P ≤ 240
ITU-R BT.656
1
1 ≤ Y ≤ 254, 1 ≤ C/P ≤ 254
Extended range
EN_SFL_PIN
0
Disables SFL output
SFL output enables
encoder and decoder
to be connected
directly
1
Outputs SFL information on the
SFL pin
BL_C_VBI; blank chroma during
VBI; if set, it enables data in the
VBI region to be passed
through the decoder
undistorted
0
Decode and output color during
VBI
during VBI
1
Blank Cr and Cb values during
VBI
TIM_OE; enables timing signals
output
0
HS, VS, FIELD tristated
Controlled by TOD
1
HS, VS, FIELD forced active
Reserved
0
1
1
BT.656-4; allows the user to select
an output mode compatible
with ITU-R BT.656-3/-4
0
ITU-R BT.656-3 compatible
1
ITU-R BT.656-4 compatible
0x07
Autodetect
enable
AD_PAL_EN; PAL B/PAL D/PAL I/
PAL G/PAL H autodetect enable
0
Disables
1
Enables
AD_NTSC_EN; NTSC autodetect
enable
0
Disables
1
Enables
AD_PALM_EN; PAL M
autodetect enable
0
Disables
1
Enables
AD_PALN_EN; PAL N
autodetect enable
0
Disables
1
Enables
AD_P60_EN; PAL 60 autodetect
enable
0
Disables
1
Enables
AD_N443_EN; NTSC 4.43
autodetect enable
0
Disables
1
Enables
AD_SECAM_EN; SECAM
autodetect enable
0
Disables
1
Enables
AD_SEC525_EN; SECAM 525
autodetect enable
0
Disables
1
Enables
0x08
Contrast
CON[7:0]; contrast adjust; this is
the user control for contrast
adjustment
1
0
0
0
0
0
0
0
Luma gain = 1
0x00 gain = 0,
0x80 gain = 1,
0xFF gain = 2
0x0A
Brightness
Adjust
BRI[7:0]; this register controls
the brightness of the video signal
0
0
0
0
0
0
0
0
0x00 = 0 IRE,
0x7F = +30 IRE,
0x80 = −30 IRE
0x0B
Hue Adjust
HUE[7:0]; this register contains
the value for the color hue
adjustment
0
0
0
0
0
0
0
0
Hue range = −90° to
+90°
0x0C
Default Value Y
DEF_VAL_EN; default value
enable
0
Free-run mode dependent
on DEF_VAL_AUTO_EN
1
Forces free-run mode on
DEF_VAL_AUTO_EN; default
value automatic enable
0
Disables free-run mode
When lock is lost, free-
run mode can be
enabled to output
stable timing, clock,
and a set color
1
Enables automatic free-run mode
DEF_Y[5:0]; default value is Y; this
register holds the Y default value
0
0
1
1
0
1
Y[7:0] = {DEF_Y[5:0], 0, 0}
Default Y value output
in free-run mode
0x0D
Default
Value C
DEF_C[7:0]; default value is C;
the Cr and Cb default values are
defined in this register
0
1
1
1
1
1
0
0
Cr[3:0] = {DEF_C[7:4]},
Cb[3:0] = {DEF_C[3:0]}
Default Cb/Cr value
output in free-run
mode; default values
give blue screen
output
| Page 69 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com