Electronic Components Datasheet Search
  English  ▼

X  

AD9785-EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9785-EBZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785-EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9785-EBZ Datasheet HTML 28Page - Analog Devices AD9785-EBZ Datasheet HTML 29Page - Analog Devices AD9785-EBZ Datasheet HTML 30Page - Analog Devices AD9785-EBZ Datasheet HTML 31Page - Analog Devices AD9785-EBZ Datasheet HTML 32Page - Analog Devices AD9785-EBZ Datasheet HTML 33Page - Analog Devices AD9785-EBZ Datasheet HTML 34Page - Analog Devices AD9785-EBZ Datasheet HTML 35Page - Analog Devices AD9785-EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 32 of 64
The frequency tuning word (FTW) register comprises four bytes located at Address 0x0A.
Table 20. Frequency Tuning Word (FTW) Register
Address
Bit
Name
Description
0x0A
[31:0]
Frequency Tuning
Word [31:0]
These bits make up the frequency tuning word applied to the NCO phase accumulator.
See the Numerically Controlled Oscillator section for details.
The phase control register (PCR) comprises four bytes located at Address 0x0B.
Table 21. Phase Control Register (PCR)
Address
Bit
Name
Description
[31:26]
Reserved
Reserved for future use.
[25:16]
Phase Correction
Word [9:0]
These bits are the 10-bit phase correction word.
0x0B
[15:0]
NCO Phase Offset
Word [15:0]
These bits are the 16-bit NCO phase offset word. See the Numerically Controlled Oscillator
section for details.
The amplitude scale factor (ASF) register comprises three bytes located at Address 0x0C.
Table 22. Amplitude Scale Factor (ASF) Register
Address
Bit
Name
Description
[23:18]
Reserved
Reserved for future use.
[17:9]
Q DAC Amplitude
Scale Factor [8:0]
These bits are the 9-bit Q DAC amplitude scale factor. The bit weighting is MSB = 21,
LSB = 2−7, which yields a multiplier range of 0 to 3.9921875.
0x0C
[8:0]
I DAC Amplitude
Scale Factor [8:0]
These bits are the 9-bit I DAC amplitude scale factor. The bit weighting is MSB = 21,
LSB = 2−7, which yields a multiplier range of 0 to 3.9921875.
The output offset (OOF) register comprises four bytes located at Address 0x0D.
Table 23. Output Offset (OOF) Register
Address
Bit
Name
Description
[31:16]
Q DAC Offset [15:0]
These bits are the 16-bit Q DAC offset factor. The LSB bit weight is 20.
0x0D
[15:0]
I DAC Offset [15:0]
These bits are the 16-bit I DAC offset factor. The LSB bit weight is 20.
The version register (VR) comprises two bytes located at Address 0x0E and is read only.
Table 24. Version Register (VR)
Address
Bit
Name
Description
[15:8]
Reserved
Reserved for future use.
0x0E
[7:0]
Version ID
These bits read back the current version of the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com