Electronic Components Datasheet Search
  English  ▼

X  

AD9785-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9785-EBZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9785-EBZ Datasheet HTML 18Page - Analog Devices AD9785-EBZ Datasheet HTML 19Page - Analog Devices AD9785-EBZ Datasheet HTML 20Page - Analog Devices AD9785-EBZ Datasheet HTML 21Page - Analog Devices AD9785-EBZ Datasheet HTML 22Page - Analog Devices AD9785-EBZ Datasheet HTML 23Page - Analog Devices AD9785-EBZ Datasheet HTML 24Page - Analog Devices AD9785-EBZ Datasheet HTML 25Page - Analog Devices AD9785-EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 22 of 64
There are two phases to a communication cycle with the
AD9785/AD9787/AD9788. Phase 1 is the instruction cycle,
which is the writing of an instruction byte into the AD9785/
AD9787/AD9788, coincident with the first eight SCLK rising
edges. The instruction byte provides the AD9785/AD9787/
AD9788 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication
cycle. The instruction byte defines whether the upcoming data
transfer is read or write and the serial address of the register
being accessed.
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the AD9785/AD9787/
AD9788. The remaining SCLK edges are for Phase 2 of the
communication cycle. Phase 2 is the actual data transfer
between the AD9785/AD9787/AD9788 and the system
controller. The number of bytes transferred during Phase 2 of
the communication cycle is a function of the register being
accessed.
For example, when accessing the frequency tuning word (FTW)
register, which is four bytes wide, Phase 2 requires that four
bytes be transferred. If accessing the amplitude scale factor (ASF)
register, which is three bytes wide, Phase 2 requires that three
bytes be transferred. After transferring all data bytes per the
instruction byte, the communication cycle is completed.
At the completion of any communication cycle, the AD9785/
AD9787/AD9788 serial port controller expects the next eight
rising SCLK edges to be the instruction byte of the next
communication cycle.
All data input is registered on the rising edge of SCLK. All data
is driven out of the AD9785/AD9787/AD9788 on the falling
edge of SCLK.
Figure 43 through Figure 46 are useful in understanding the
general operation of the AD9785/AD9787/AD9788 serial port.
R/W N1 N0
A4 A3
A2 A1 A0 D7 D6N D5N
D00
D10
D20
D30
D7 D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SPI_CSB
SCLK
SPI_SDIO
SPI_SDO
Figure 43. Serial Register Interface Timing, MSB First
A0 A1 A2
A3 A4
N0 N1 R/W D00 D10 D20
D7N
D6N
D5N
D4N
D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SPI_CSB
SCLK
SPI_SDIO
SPI_SDO
Figure 44. Serial Register Interface Timing, LSB First
INSTRUCTION BIT 6
INSTRUCTION BIT 7
SPI_CSB
SCLK
SPI_SDIO
tDS
tDS
tDH
tPWH
tPWL
tSCLK
Figure 45. SPI Register Write Timing
DATA BIT n–1
DATA BIT n
SPI_CSB
SCLK
SPI_SDIO
SPI_SDO
tDV
Figure 46. SPI Register Read Timing Instruction Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com