Electronic Components Datasheet Search
  English  ▼

X  

AD9785-EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9785-EBZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785-EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9785-EBZ Datasheet HTML 1Page - Analog Devices AD9785-EBZ Datasheet HTML 2Page - Analog Devices AD9785-EBZ Datasheet HTML 3Page - Analog Devices AD9785-EBZ Datasheet HTML 4Page - Analog Devices AD9785-EBZ Datasheet HTML 5Page - Analog Devices AD9785-EBZ Datasheet HTML 6Page - Analog Devices AD9785-EBZ Datasheet HTML 7Page - Analog Devices AD9785-EBZ Datasheet HTML 8Page - Analog Devices AD9785-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 5 of 64
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LATENCY (DACCLK CYCLES)
1× Interpolation
With or without modulation
40
Cycles
2× Interpolation
With or without modulation
83
Cycles
4× Interpolation
With or without modulation
155
Cycles
8× Interpolation
With or without modulation
294
Cycles
Inverse Sinc
18
Cycles
POWER-UP TIME2
260
ms
DAC Wake-Up Time3
IOUT current settling to 1%
22
ms
DAC Sleep Time4
IOUT current to less than 1% of full scale
22
ms
1 Timing vs. temperature and data valid windows are delineated in Table 25.
2 Measured from SPI_CSB rising edge on Register 0x00; toggle Bit 4 from 0 to 1. VREF decoupling capacitor = 0.1 μF.
3 Measured from SPI_CSB rising edge on Register 0x05 or Register 0x07; toggle Bit 15 or Bit 14 from 0 to 1.
4 Measured from SPI_CSB rising edge on Register 0x05 or Register 0x07; toggle Bit 15 or Bit 14 from 1 to 0.
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted.
Table 3.
AD9785
AD9787
AD9788
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (IN-BAND SFDR)
fDACCLK = 200 MSPS, fOUT = 70 MHz 1× Interpolation
80
82
83
dBc
fDACCLK = 200 MSPS, fOUT = 70 MHz 2× Interpolation
80
82
83
dBc
fDACCLK = 200 MSPS, fOUT = 70 MHz 4× Interpolation
78
80
81
dBc
fDACCLK = 800 MSPS, fOUT = 40 MHz 8× Interpolation
85
87
90
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDATA = 200 MSPS, fOUT = 50 MHz 1× Interpolation
80
82
83
dBc
fDATA = 200 MSPS, fOUT = 50 MHz 2× Interpolation
78
79
80
dBc
fDATA = 200 MSPS, fOUT = 100 MHz 4× Interpolation
78
79
80
dBc
fDATA = 100 MSPS, fOUT = 100 MHz 8× Interpolation
70
70
70
dBc
NOISE SPECTRAL DENSITY (NSD), EIGHT TONE, 500 kHz TONE
SPACING
fDACCLK = 200 MSPS, fOUT = 80 MHz
−154
−157
−158
dBm/Hz
fDACCLK = 400 MSPS, fOUT = 80 MHz
−154
−158
−161
dBm/Hz
fDACCLK = 800 MSPS, fOUT = 80 MHz
−154
−159
−162
dBm/Hz
WCDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR),
SINGLE CARRIER
fDACCLK = 491.52 MSPS, fOUT = 100 MHz 4× Interpolation
78
80
82
dBc
fDACCLK = 491.52 MSPS, fOUT = 200 MHz 4× Interpolation
72
74
76
dBc
WCDMA SECOND ADJACENT CHANNEL LEAKAGE RATIO
(ACLR), SINGLE CARRIER
fDACCLK = 491.52 MSPS, fOUT = 100 MHz 4× Interpolation
80
82
88
dBc
fDACCLK = 491.52 MSPS, fOUT = 200 MHz 4× Interpolation
78
80
82
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com