Electronic Components Datasheet Search
  English  ▼

X  

AD9785-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9785-EBZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785-EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9785-EBZ Datasheet HTML 1Page - Analog Devices AD9785-EBZ Datasheet HTML 2Page - Analog Devices AD9785-EBZ Datasheet HTML 3Page - Analog Devices AD9785-EBZ Datasheet HTML 4Page - Analog Devices AD9785-EBZ Datasheet HTML 5Page - Analog Devices AD9785-EBZ Datasheet HTML 6Page - Analog Devices AD9785-EBZ Datasheet HTML 7Page - Analog Devices AD9785-EBZ Datasheet HTML 8Page - Analog Devices AD9785-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Dual 12-/14-/16-Bit 800 MSPS DAC
with Low Power 32-Bit Complex NCO
AD9785/AD9787/AD9788
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Analog output: adjustable 8.7 mA to 31.7 mA,
RL = 25 Ω to 50 Ω
Low power, fine complex NCO allows carrier placement
anywhere in DAC bandwidth while adding <300 mW power
Auxiliary DACs allow I and Q gain matching and offset control
Includes programmable I and Q phase compensation
Internal digital upconversion capability
Multiple chip synchronization interface
High performance, low noise PLL clock multiplier
Digital inverse sinc filter
100-lead, exposed paddle TQFP package
APPLICATIONS
Wireless infrastructure
WCDMA, CDMA2000, TD-SCDMA, WiMAX, GSM
Digital high or low IF synthesis
Transmit diversity
Wideband communications
LMDS/MMDS, point-to-point
GENERAL DESCRIPTION
The AD9785/AD9787/AD9788 are 12-bit, 14-bit, and 16-bit,
high dynamic range TxDAC® devices, respectively, that provide
a sample rate of 800 MSPS, permitting multicarrier generation
up to the Nyquist frequency. Features are included for optimizing
direct conversion transmit applications, including complex
digital modulation, as well as gain, phase, and offset compens-
ation. The DAC outputs are optimized to interface seamlessly
with analog quadrature modulators, such as the ADL537x
family from Analog Devices, Inc. A serial peripheral interface
(SPI) provides for programming and readback of many internal
parameters. Full-scale output current can be programmed over
a range of 10 mA to 30 mA. The AD978x family is manufactured
on a 0.18 μm CMOS process and operates from 1.8 V and 3.3 V
supplies. It is enclosed in a 100-lead TQFP package.
PRODUCT HIGHLIGHTS
1.
Low noise and intermodulation distortion (IMD) enable
high quality synthesis of wideband signals from baseband
to high intermediate frequencies.
2.
Proprietary DAC output switching technique enhances
dynamic performance.
3.
CMOS data input interface with adjustable setup and hold.
4.
Low power complex 32-bit numerically controlled
oscillators (NCOs).
TYPICAL SIGNAL CHAIN
FPGA/ASIC/DSP
DC
COMPLEX I AND Q
DC
LO
QUADRATURE
MODULATOR/
MIXER/
AMPLIFIER
I DAC
Q DAC
DIGITAL INTERPOLATION FILTERS
POST DAC
ANALOG FILTER
A
Figure 1.


Similar Part No. - AD9785-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9785-DPG2-EBZ AD-AD9785-DPG2-EBZ Datasheet
1Mb / 62P
Low Power 32-Bit Complex NCO
5/2018-Rev. B to Rev. C
More results

Similar Description - AD9785-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9780 AD-AD9780 Datasheet
1Mb / 36P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. A
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
Dual 14-bit DAC, up to 125 Msps
logo
Texas Instruments
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9776 AD-AD9776_15 Datasheet
1Mb / 56P
Dual 12-/14-/16-Bit
REV. A
logo
Texas Instruments
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9785 AD-AD9785_18 Datasheet
1Mb / 62P
Low Power 32-Bit Complex NCO
5/2018-Rev. B to Rev. C
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
Dual 14-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com