Electronic Components Datasheet Search
  English  ▼

X  

AD9785-EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9785-EBZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785-EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9785-EBZ Datasheet HTML 2Page - Analog Devices AD9785-EBZ Datasheet HTML 3Page - Analog Devices AD9785-EBZ Datasheet HTML 4Page - Analog Devices AD9785-EBZ Datasheet HTML 5Page - Analog Devices AD9785-EBZ Datasheet HTML 6Page - Analog Devices AD9785-EBZ Datasheet HTML 7Page - Analog Devices AD9785-EBZ Datasheet HTML 8Page - Analog Devices AD9785-EBZ Datasheet HTML 9Page - Analog Devices AD9785-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 6 of 64
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVDD33 to AGND, DGND, CGND
−0.3 V to +3.6 V
DVDD33, DVDD18, CVDD18
to AGND, DGND, CGND
−0.3 V to +2.1 V
AGND to DGND, CGND
−0.3 V to +0.3 V
DGND to AGND, CGND
−0.3 V to +0.3 V
CGND to AGND, DGND
−0.3 V to +0.3 V
I120, VREF, IPTAT to AGND
−0.3 V to AVDD33 + 0.3 V
OUT1_P, OUT1_N, OUT2_P, OUT2_N,
AUX1_P, AUX1_N, AUX2_P,
AUX2_N to AGND
−1.0 V to AVDD33 + 0.3 V
P1D[15] to P1D[0], P2D[15] to P2D[0]
to DGND
−0.3 V to DVDD33 + 0.3 V
DATACLK, TXENABLE to DGND
−0.3 V to DVDD33 + 0.3 V
REFCLK+, REFCLK−, RESET, IRQ,
PLL_LOCK, SYNC_O+, SYNC_O−,
SYNC_I+, SYNC_I− to CGND
−0.3 V to CVDD18 + 0.3 V
RESET, IRQ, PLL_LOCK, SYNC_O+,
SYNC_O−, SYNC_I+, SYNC_I−,
SPI_CSB, SCLK, SPI_SDIO, SPI_SDO
to DGND
−0.3 V to DVDD33 + 0.3 V
Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
For this 100-lead, thermally enhanced TQFP, the exposed paddle
(EPAD) must be soldered to the ground plane. Note that these
specifications are valid with no airflow movement.
Table 5. Thermal Resistance
Resistance
Unit
Conditions
θJA
19.1°C/W
EPAD soldered. No airflow.
θJB
12.4°C/W
EPAD soldered. No airflow.
θJC
7.1°C/W
EPAD soldered. No airflow.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com