Electronic Components Datasheet Search
  English  ▼

X  

AD9785-EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9785-EBZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785-EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9785-EBZ Datasheet HTML 19Page - Analog Devices AD9785-EBZ Datasheet HTML 20Page - Analog Devices AD9785-EBZ Datasheet HTML 21Page - Analog Devices AD9785-EBZ Datasheet HTML 22Page - Analog Devices AD9785-EBZ Datasheet HTML 23Page - Analog Devices AD9785-EBZ Datasheet HTML 24Page - Analog Devices AD9785-EBZ Datasheet HTML 25Page - Analog Devices AD9785-EBZ Datasheet HTML 26Page - Analog Devices AD9785-EBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 23 of 64
Instruction Byte
The instruction byte contains the following information as
shown in the instruction byte bit map.
Instruction Byte Information Bit Map
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
R/W
X
X
A4
A3
A2
A1
A0
R/W—Bit 7 of the instruction byte determines whether a read
or write data transfer occurs after the instruction byte write.
Logic 1 indicates a read operation. Logic 0 indicates a write
operation.
X, X —Bit 6 and Bit 5 of the instruction byte are don’t care. In
previous TxDACs, such as the AD9779, these bits define the
number of registers written to or read from in an SPI read/write
operation. In the AD9785/AD9787/AD9788, the register itself
now defines how many bytes are written to or read from.
A4, A3, A2, A1, A0—Bit 4, Bit 3, Bit 2, Bit 1, and Bit 0 of the
instruction byte determine which register is accessed during the
data transfer portion of the communication cycle.
Serial Interface Port Pin Description
SCLK—Serial Clock
The serial clock pin is used to synchronize data to and from the
AD9785/AD9787/AD9788 and to run the internal state machines.
SCLK maximum frequency is 40 MHz.
SPI_CSB—Chip Select
Active low input that allows more than one device on the same
serial communications line. The SPI_SDO and SPI_SDIO pins
go to a high impedance state when this input is high. If driven
high during any communication cycle, that cycle is suspended
until SPI_CSB is reactivated low. Chip select can be tied low in
systems that maintain control of SCLK.
SPI_SDIO—Serial Data I/O
Data is always written into the AD9785/AD9787/AD9788 on
this pin. However, this pin can be used as a bidirectional data
line. Bit 7 of Register 0x00 controls the configuration of this pin.
The default is Logic 0, which configures the SPI_SDIO pin as
bidirectional.
SPI_SDO—Serial Data Output
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. In the case where the
AD9785/AD9787/AD9788 operate in a single bidirectional
I/O mode, this pin does not output data and is set to a high
impedance state.
MSB/LSB Transfers
The AD9785/AD9787/AD9788 serial port can support both
most significant bit (MSB) first or least significant bit (LSB)
first data formats. This functionality is controlled by Bit 6 of the
communication (COMM) register. The default value of COMM
Register Bit 6 is low (MSB first). When COMM Register Bit 6 is
set high, the serial port is in LSB first format. The instruction byte
must be written in the format indicated by COMM Register Bit 6.
That is, if the device is in LSB first mode, the instruction byte
must be written from least significant bit to most significant bit.
For MSB first operation, the serial port controller generates the
most significant byte (of the specified register) address first,
followed by the next lesser significant byte addresses until the
I/O operation is complete. All data written to or read from the
AD9785/AD9787/AD9788 must be in MSB first order.
If the LSB mode is active, the serial port controller generates the
least significant byte address first, followed by the next greater
significant byte addresses until the I/O operation is complete.
All data written to or read from the AD9785/AD9787/AD9788
must be in LSB first order.
SPI Resynchronization Capability
If the SPI port becomes unsynchronized at any time, toggling
SCLK for eight or more cycles with SPI_CSB held high resets
the SPI port state machine. The device is then ready for the next
register read or write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com