Electronic Components Datasheet Search
  English  ▼

X  

AD9785-EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9785-EBZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785-EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9785-EBZ Datasheet HTML 14Page - Analog Devices AD9785-EBZ Datasheet HTML 15Page - Analog Devices AD9785-EBZ Datasheet HTML 16Page - Analog Devices AD9785-EBZ Datasheet HTML 17Page - Analog Devices AD9785-EBZ Datasheet HTML 18Page - Analog Devices AD9785-EBZ Datasheet HTML 19Page - Analog Devices AD9785-EBZ Datasheet HTML 20Page - Analog Devices AD9785-EBZ Datasheet HTML 21Page - Analog Devices AD9785-EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 18 of 64
50
60
70
80
90
100
110
010
2030
40
506070
8090
fOUT (MHz)
100MSPS
150MSPS
200MSPS
Figure 35. AD9788 In-Band SFDR vs. fOUT, 4× Interpolation
50
55
60
65
70
75
80
010
2030
40
506070
8090
fOUT (MHz)
150MSPS
200MSPS
100MSPS
Figure 36. AD9788 Out-of-Band SFDR vs. fOUT, 4× Interpolation
55
60
65
70
75
80
85
90
0
10203040
50607080
50
fOUT (MHz)
–6dBFS
0dBFS
–3dBFS
Figure 37. AD9788 In-Band SFDR vs. Digital Full-Scale Input,
2× Interpolation, fDATA = 200 MSPS
50
55
60
65
70
75
80
85
90
95
100
0
204060
80
10
250MSPS
fOUT (MHz)
0
200MSPS
160MSPS
Figure 38. AD9788 In-Band SFDR vs. fOUT, 2× Interpolation
50
60
70
80
90
100
110
0
10
2030
405
50MSPS
100MSPS
fOUT (MHz)
0
Figure 39. AD9788 In-Band SFDR vs. fOUT, 8× Interpolation
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
45
fOUT (MHz)
50MSPS
100MSPS
Figure 40. AD9788 Out-of-Band SFDR vs. fOUT, 8× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com