Electronic Components Datasheet Search
  English  ▼

X  

AD9785-EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9785-EBZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9785-EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9785-EBZ Datasheet HTML 25Page - Analog Devices AD9785-EBZ Datasheet HTML 26Page - Analog Devices AD9785-EBZ Datasheet HTML 27Page - Analog Devices AD9785-EBZ Datasheet HTML 28Page - Analog Devices AD9785-EBZ Datasheet HTML 29Page - Analog Devices AD9785-EBZ Datasheet HTML 30Page - Analog Devices AD9785-EBZ Datasheet HTML 31Page - Analog Devices AD9785-EBZ Datasheet HTML 32Page - Analog Devices AD9785-EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 29 of 64
The PLL control (PLLCTL) register comprises three bytes located at Address 0x04. These bits are routed directly to the periphery of the
digital logic. No digital functionality within the main digital block is required.
Table 14. PLL Control (PLLCTL) Register
Address
Bit
Name
Description
[23:21]
VCO Control Voltage
[2:0]
000 to 111, proportional to voltage at VCO, control voltage input (readback only). A value of
011 indicates that the VCO control voltage is centered.
[20:16]
PLL Loop Bandwidth
[4:0]
These bits control the bandwidth of the PLL filter. Increasing the value lowers the loop
bandwidth. Set to 01111 for optimal performance.
[15]
PLL enable
0: Default. With PLL off, the DAC sample clock is sourced directly by the REFCLK input.
1: With PLL on, the DAC clock is synthesized internally from the REFCLK input via the PLL
clock multiplier. See the Clock Multiplication section for details.
[14:13]
PLL VCO Divisor [1:0]
Sets the value of the VCO output divider, which determines the ratio of the VCO output
frequency to the DAC sample clock frequency, fVCO/fDACCLK.
00: fVCO/fDACCLK = 1
01: fVCO/fDACCLK = 2
10: fVCO/fDACCLK = 4
11: fVCO/fDACCLK = 8
[12:11]
PLL Loop Divisor [1:0]
Sets the value of the DACCLK divider, which determines the ratio of the DAC sample clock
frequency to the REFCLK frequency, fDACCLK/fREFCLK.
00: fDACCLK/fREFCLK = 2
01: fDACCLK/fREFCLK = 4
10: fDACCLK/fREFCLK = 8
11: fDACCLK/fREFCLK = 16
[10:8]
PLL Bias [2:0]
These bits control the VCO bias current. Set to 011 for optimal performance.
[7:2]
PLL Band Select [5:0]
These bits set the operating frequency of the VCO. For further details, refer to Table 35.
0x04
[1:0]
PLL VCO Drive [1:0]
These bits control the signal strength of the VCO output. Set to 11 for optimal performance.
The I DAC control register comprises two bytes located at Address 0x05. These bits are routed directly to the periphery of the digital
logic. No digital functionality within the main digital block is required.
Table 15. I DAC Control Register
Address
Bit
Name
Description
0: Default. If the I DAC sleep bit is cleared, the I DAC is active.
[15]
I DAC sleep
1: If the I DAC sleep bit is set, the I DAC is inactive and enters a low power state.
0: Default. If the I DAC power-down bit is cleared, the I DAC is active.
[14]
I DAC power-down
1: If the I DAC power-down bit is set, the I DAC is inactive and enters a low power state.
[13:10]
Reserved
Reserved for future use.
0x05
[9:0]
I DAC gain
adjustment
These bits are the I DAC gain adjustment bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com