Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 4 Page - Analog Devices

  LTC1065 Datasheet HTML 1Page - Analog Devices LTC1065 Datasheet HTML 2Page - Analog Devices LTC1065 Datasheet HTML 3Page - Analog Devices LTC1065 Datasheet HTML 4Page - Analog Devices LTC1065 Datasheet HTML 5Page - Analog Devices LTC1065 Datasheet HTML 6Page - Analog Devices LTC1065 Datasheet HTML 7Page - Analog Devices LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC1066-1
4
10661fa
FREQUENCY (kHz)
1
–5
–3
–1
1
3
10
100
1066-1 G08
–4
–2
0
2
4
A
D
VS = ±5V, TA = 70°C
fCLK/fC = 50:1
RF = 20k, CF = 1µF
RC COMPENSATION
=15pF IN SERIES
WITH 30k
Ω
5
B
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
C
FREQUENCY (kHz)
1
10
50
1066-1 G07
3
2
1
0
–1
–2
–3
–4
–5
–6
VS = SINGLE 5V
TA = 70°C
fCLK/fC = 50:1
RF = 20k, CF = 1µF
RC COMPENSATION
= 15pF IN SERIES
WITH 30k
Ω
A. fCLK = 1MHz (GND = 2.5V)
B. fCLK = 1.4MHz (GND = 2V)
C. fCLK = 1.8MHz (GND = 2V)
A
B
C
FREQUENCY (kHz)
4
–1
0
20
10666-1 G06
–3
–5
6
12
16
2
3
2
1
–2
–4
–6
180
120
60
0
–60
–120
–180
–240
–300
–360
8
10
141822
ELLIPTIC RESPONSE
fC = 20kHz, fCLK/fC = 100:1
PIN 8 AT V–, RF = 20k, CF = 1µF
(SEE BLOCK DIAGRAM)
PHASE
GAIN
VS = ±7.5V
TA = 25°C
FREQUENCY (kHz)
4
–1
0
20
10666-1 G05
–3
–5
6
12
16
2
3
2
1
–2
–4
–6
180
120
60
0
–60
–120
–180
–240
–300
–360
8
10
141822
LINEAR PHASE RESPONSE
fC = 20kHz, fCLK/fC = 100:1
PIN 8 AT GND, RF = 20k, CF = 1µF
(SEE BLOCK DIAGRAM)
PHASE
GAIN
VS = ±7.5V
TA = 25°C
FREQUENCY (kHz)
4
–1
0
20
10666-1 G04
–3
–5
6
12
16
2
3
2
1
–2
–4
–6
180
120
60
0
–60
–120
–180
–240
–300
–360
8
10
141822
ELLIPTIC RESPONSE
fC = 20kHz, fCLK = 1MHz
fCLK/fC = 50:1, PIN 8 AT V
+
RF = 20k, CF = 1µF
(SEE BLOCK DIAGRAM)
PHASE
GAIN
VS = ±7.5V
TA = 25°C
FREQUENCY (Hz)
1k
–50
–40
–30
–20
–10
10k
100k
1M
1066-1 G03
–60
–70
–90
0
–80
10
–100
–110
fCLK= 1MHz
fCLK= 5MHz
VS = ±7.5V
TA = 25°C
fCLK/fC = 100:1
PIN 8 TO V–
FREQUENCY (Hz)
1k
–50
–40
–30
–20
–10
10k
100k
1M
1066-1 G02
–60
–70
–90
0
–80
10
–100
–110
fCLK= 1MHz
fCLK= 5MHz
VS = ±7.5V
TA = 25°C
fCLK/fC = 100:1
NO COMPENSATION
PIN 8 TO AGND
1066-1 G01
FREQUENCY (Hz)
1k
–50
–40
–30
–20
–10
10k
100k
1M
–60
–70
–90
0
–80
10
–100
–110
fCLK= 500kHz
fCLK= 5MHz
VS = ±7.5V
TA = 25°C
fCLK/fC = 50:1
COMPENSATION
= 30k, 15pF
fCLK= 2.5MHz
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain vs Frequency
VS = ±7.5V, fCLK/fC = 50:1
Gain vs Frequency
VS = ±7.5V, fCLK/fC = 100:1
Gain vs Frequency
VS = ±7.5V, fCLK/fC = 100:1
Passband Gain and Phase
vs Frequency
Passband Gain and Phase
vs Frequency
Passband Gain and Phase
vs Frequency
Passband Gain vs Frequency
and fCLK
Passband Gain vs Frequency
and fCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com