Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 1 Page - Analog Devices

  LTC1065 Datasheet HTML 1Page - Analog Devices LTC1065 Datasheet HTML 2Page - Analog Devices LTC1065 Datasheet HTML 3Page - Analog Devices LTC1065 Datasheet HTML 4Page - Analog Devices LTC1065 Datasheet HTML 5Page - Analog Devices LTC1065 Datasheet HTML 6Page - Analog Devices LTC1065 Datasheet HTML 7Page - Analog Devices LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC1066-1
1
10661fa
■ DC Gain Linearity: 14 Bits
■ Maximum DC Offset:
±1.5mV
■ DC Offset TempCo: 7
µV/°C
■ Device Fully Tested at fCUTOFF = 80kHz
■ Maximum Cutoff Frequency: 120kHz (VS = ±8V)
■ Drives 1k
Ω Load with 0.02% THD or Better
■ Signal-to-Noise Ratio: 90dB
■ Input Impedance: 500M
Ω
■ Selectable Elliptic or Linear Phase Response
■ Operates from Single 5V up to
±8V Power Supplies
■ Available in an 18-Pin SO Wide Package
FREQUENCY (Hz)
100
10k
100k
1M
1066-1 TA02
1k
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
fC = 800Hz
fC = 80kHz
7.5V
1066-1 TA01
–7.5V
–7.5V
7.5V
VOUT;
VOS(OUT) =
2.5mVMAX
VIN
40kHz
≤ fCLK ≤ 4MHz
1
µF
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
15pF
OUT A
–IN A
+IN A
V–
V+
CONNECT 1
FILTEROUT
50/100
CLK
V+
OUT B
+IN B
GND
FILTERIN
COMP 2
CONNECT 2
COMP 1
V–
LTC1066-1
20k
30k
SHORT CONNECTION UNDER
IC AND SHIELDED BY A
GROUND PLANE
BYPASS THE POWER SUPPLIES
WITH 0.1
µF DISC CERAMIC
■ Instrumentation
■ Data Acquisition Systems
■ Anti-Aliasing Filters
■ Smoothing Filters
■ Audio Signal Processing
APPLICATIO S
FEATURES
DESCRIPTIO
14-Bit DC Accurate
Clock-Tunable, 8th Order Elliptic
or Linear Phase Lowpass Filter
Amplitude Response
Clock-Tunable, DC Accurate, 800Hz to 80kHz Elliptic Lowpass Filter
The LTC
®1066-1 is an 8th order elliptic lowpass filter
which simultaneously provides clock-tunability and DC
accuracy. The unique and proprietary architecture of the
filter allows 14 bits of DC gain linearity and a maximum of
1.5mV DC offset. An external RC is required for DC
accurate operation. With
±7.5V supplies, a 20k resistor
and a 1
µF capacitor, the cutoff frequency can be tuned
from 800Hz to 100kHz. A clock-tunable 10Hz to 100kHz
operation can also be achieved (see Typical Application
section).
The filter does not require any external active components
such as input/output buffers. The input/output impedance
is 500M
Ω/0.1Ω and the output of the filter can source or
sink 40mA. When pin 8 is connected to V +, the clock-to-
cutoff frequency ratio is 50:1 and the input signal is
sampled twice per clock cycle to lower the risk of aliasing.
For frequencies up to 0.75fCUTOFF, the passband ripple is
±0.15dB. The gain at fCUTOFF is –1dB and the filter’s
stopband attenuation is 80dB at 2.3fCUTOFF. Linear phase
operation is also available with a clock-to-cutoff frequency
ratio of 100:1 when pin 8 is connected to ground.
The LTC1066-1 is available in an 18-pin SO Wide package.
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1065

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
261Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
logo
Analog Devices
LTC1065 AD-LTC1065 Datasheet
279Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
REV A
LTC1065 AD-LTC1065 Datasheet
256Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
REV B
More results

Similar Description - LTC1065

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1_09 Datasheet
271Kb / 20P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_15 Datasheet
277Kb / 20P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com