Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 5Page - Analog Devices LTC1065 Datasheet HTML 6Page - Analog Devices LTC1065 Datasheet HTML 7Page - Analog Devices LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices LTC1065 Datasheet HTML 10Page - Analog Devices LTC1065 Datasheet HTML 11Page - Analog Devices LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC1066-1
9
10661fa
FILTERIN
CONNECT 1
COMP1
COMP2
CONNECT 2
FILTEROUT
8TH ORDER
SWITCHED-
CAPACITOR
NETWORK
5,18
4,10
15
8
9
6
7
16
17
12
13
11
14
1
3
2
–IN A
+IN A
V+
V–
GND 50/100 CLK
+IN B
PATENT PENDING
LTC1066-1
OUT B
OUT A
CF
RF
11066-1 BD
–
+
HIGH SPEED
OP AMP
–
+
HIGH SPEED
OP AMP
BLOCK DIAGRA
TEST CIRCUIT
1066-1 TC01
NOTE: RC COMPENSATION BETWEEN PINS 11 AND 13 IS
REQUIRED ONLY FOR CLOCK-TUNABLE OPERATION FOR:
50kHz < fCUTOFFs ≤ 100kHz.
THE TEST SPECIFICATIONS FOR:
fCLK = 2MHz, fCUTOFF = 40kHz, AND
fCLK = 4MHz, fCUTOFF = 80kHz
INCLUDE THE EFFECTS OF RC COMPENSATION.
COMPENSATION DOES NOT INFLUECE THE SPECIFICATIONS
FOR:
fCLK = 400kHz, fCUTOFF = 8kHz.
FOR CLOCK-TUNABLE fCUTOFFs FROM 2kHz TO 50kHz
COMPENSATION IS NOT REQUIRED AND THE FILTER’S
PASSBAND PERFORMANCE IS REPRESENTED BY THE
TYPICAL SPECIFICATIONS AT:
fCLK = 400kHz, fCUTOFF = 8kHz.
V +
V+
V –
V –
V +
VOUT
VIN
fCLK
(DUTY CYCLE
= 50%
±10%)
ELLIPTIC
RESPONSE
50:1
LINEAR PHASE
RESPONSE
100:1
1
µF
0.1
µF
15pF
0.1
µF
0.1
µF
10k
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
20k
20
Ω
30k
LTC1066-1
0.1
µF
20
Ω
OUT A
–IN A
+IN A
V–
V+
CONNECT 1
FILTEROUT
50/100
CLK
V+
OUT B
+IN B
GND
FILTERIN
COMP 2
CONNECT 2
COMP 1
V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com