Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices LTC1065 Datasheet HTML 14Page - Analog Devices LTC1065 Datasheet HTML 15Page - Analog Devices LTC1065 Datasheet HTML 16Page - Analog Devices LTC1065 Datasheet HTML 17Page - Analog Devices LTC1065 Datasheet HTML 18Page - Analog Devices LTC1065 Datasheet HTML 19Page - Analog Devices LTC1065 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC1066-1
20
10661fa
FREQUENCY (Hz)
10k
100k
1M
10M
1066-1 TA08b
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1066-1 TA08a
8V
–8V
OUTPUT CLOCK
FEEDTHROUGH
FILTER
8V
2ND ORDER BUTTERWORTH INPUT
ANTI-ALIASING FILTER PROVIDES
–68dB ATTENUATION TO INPUTS AT 2fCLK.
f–3dB = 200kHz
–8V
VOUT
VIN
fCLK
C1
51pF
C2
510pF
20pF
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
OUT A
–IN A
+IN A
V–
V+
CONNECT 1
FILTEROUT
50/100
CLK
V+
OUT B
+IN B
GND
FILTERIN
COMP 2
CONNECT 2
COMP 1
V–
0.1
µF
0.1
µF
0.1
µF
LTC1066-1
100
Ω
30k
2.49k
2.49k
10k
0.1
µF
1000pF
f–3dB = 2•fCUTOFF
fCUTOFF =
C1 =
C2 =
µF (f–3dB IN Hz)
fCLK
50
C2
10
100
f–3dB
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1994
LT/LT 0905 REV A • PRINTED IN USA
TYPICAL APPLICATIONS
100kHz Elliptic Lowpass Filter with Input Anti-Aliasing and Output Clock Feedthrough Filters
(Not DC Accurate)
Gain vs Frequency
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1063
Clock-Tunable 5th Order Butterworth Lowpass
1mV Offset, 80dB CMR
LTC1065
Clock-Tunable 5th Order Bessel Lowpass Filter
1mV Offset, 80dB CMR
LTC1565-31
650kHz Linear Phase Lowpass Filter
Continuous Time, Fully Diff In/Out
LTC1566-1
Low Noise, 2.3MHz Lowpass Filter
Continuous Time, Fully Diff In/Out
LT1567
Low Noise Op Amp and Inverter Building Block
Single Ended to Differential Conv
LT1568
Low Noise, 10MHz 4th Order Building Block
Lowpass or Bandpass, Diff Outputs
LT6600-2.5
Low Noise Differential Amp and 10MHz Lowpass
55
µVRMS Noise 100kHz to 10MHz, 3V Supply
LT6600-10
Low Noise Differential Amp and 20MHz
Lowpass 86
µVRMS Noise 100kHz to 20MHz, 3V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com