Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices LTC1065 Datasheet HTML 10Page - Analog Devices LTC1065 Datasheet HTML 11Page - Analog Devices LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices LTC1065 Datasheet HTML 14Page - Analog Devices LTC1065 Datasheet HTML 15Page - Analog Devices LTC1065 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC1066-1
12
10661fa
INPUT
90%
50%
10%
OUTPUT
tr
td
ts
1066-1 F05
RISE TIME (tr)
SETTLING TIME (ts)
DELAY TIME (td)
50:1 ELLIPTIC
0.43
fCUTOFF
3.4
fCUTOFF
0.709
fCUTOFF
±5%
±5%
±5%
0.43
fCUTOFF
2.05
fCUTOFF
0.556
fCUTOFF
±5%
±5%
±5%
100:1 LINEAR PHASE
APPLICATIONS INFORMATION
Transient Response and Settling Time
The LTC1066-1 exhibits two different transient behaviors.
First, during power-up the DC correcting loop will settle
after the voltage offset of the internal switched-capacitor
network is stored across the feedback capacitor CF (see
Block Diagram). It takes approximately five time constants
(5RFCF) for settling to 1%. Second, following DC loop
settling, the filter reaches steady state. The filter transient
response is then defined by the frequency characteristics
of the internal switched-capacitor lowpass filter. Figure 5
shows details.
DC loop settling is also observed if, at steady state, the DC
offset of the internal switched-capacitor network suddenly
changes. A sudden change may occur if the clock fre-
quency is instantaneously stepped to a value above 1MHz.
and on the value of the power supplies. With proper layout
techniques the values of the clock feedthrough are shown
on Table 7.
Table 7. Clock Feedthrough
POWER SUPPLY
50:1
100:1
Single 5V
70
µVRMS
90
µVRMS
±5V
100
µVRMS
200
µVRMS
±7.5V
160
µVRMS
650
µVRMS
Wideband Noise
The wideband noise of the filter is the total RMS value of
the device’s noise spectral density and is used to deter-
mine the operating signal-to-noise ratio. Most of its fre-
quency contents lie within the filter passband and cannot
be reduced with post filtering. For instance, the LTC1066-
1 wideband noise at
±5V supply is 100µVRMS, 95µVRMS of
which have frequency contents from DC up to the filter’s
cutoff frequency. The total wideband noise (
µVRMS) is
nearly independent of the value of the clock. The clock
feedthrough specifications are not part of the wideband
noise. Table 8 lists the typical wideband noise for each
supply.
Table 8. Wideband Noise
POWER SUPPLY
50:1
100:1 (Pin 8 to GND)
Single 5V
90
µVRMS
80
µVRMS
±5V
100
µVRMS
85
µVRMS
±7.5V
106
µVRMS
90
µVRMS
Speed Limitations
To avoid op amp slew rate limiting at maximum clock
frequencies, the signal amplitude should be kept below a
specified level as shown in Table 9.
Table 9. Maximum VIN
INPUT FREQUENCY
MAXIMUM VIN
≥250kHz
0.50VRMS
≥700kHz
0.25VRMS
Clock Feedthrough
Clock feedthrough is defined as the RMS value of the clock
frequency and its harmonics that are present at the filter’s
output pin (9). The clock feedthrough is tested with the
input pin (2) grounded and depends on PC board layout
Figure 5. Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com