Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices LTC1065 Datasheet HTML 14Page - Analog Devices LTC1065 Datasheet HTML 15Page - Analog Devices LTC1065 Datasheet HTML 16Page - Analog Devices LTC1065 Datasheet HTML 17Page - Analog Devices LTC1065 Datasheet HTML 18Page - Analog Devices LTC1065 Datasheet HTML 19Page - Analog Devices LTC1065 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC1066-1
16
10661fa
1066-1 TA05
7.5V
–7.5V
7.5V
2ND ORDER BUTTERWORTH ANTI-
ALIASING FILTER PROVIDES –68dB
ATTENUATION TO INPUTS AT 2fCLK
–7.5V
VOUT
VIN
fCLK
CF
RF
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
C2
OUT A
–IN A
+IN A
V–
V+
CONNECT 1
FILTEROUT
50/100
CLK
V+
OUT B
+IN B
GND
FILTERIN
COMP 2
CONNECT 2
COMP 1
V–
0.1
µF
0.1
µF
0.1
µF
LTC1066-1
20
Ω
20
Ω
R1
R2
0.1
µF
C1
fCUTOFF =
,
=
fCLK
50
fCUTOFF
250
1
2
πRFCF
= 2Hz, SET RF = 80.6k, CF = 1µF AND C1 = 0.0027µF
1
2
πRFCF
f–3dB = 2•fCUTOFF (f–3dB IS THE –3dB FREQUENCY OF THE
2ND ORDER ANTI-ALIASING FILTER)
1
2
π(R1 + R2)C1
= 0.707•f–3dB, R2 = 17.946•R1, C2 = 10•C1
FOR CUTOFF FREQUENCIES 2kHz TO 5kHz, SET RF = 20k,
CF = 1µF AND R1 + R2 ≤ 2k
FOR CUTOFF FREQUENCIES <2kHz, SET R1 + R2 = RF
FOR EXAMPLE:
IF THE CUTOFF FREQUENCY OF LTC1066-1 IS 500Hz, THEN
f–3dB = 1000Hz
R1 + R2 = 80.6k, R1 = 4.22k AND R2 = 76.8k ROUNDED TO NEAREST 1% VALUE.
C2 = 0.027
µF ROUNDED TO NEAREST STANDARD VALUE.
NOTE: RF SHOULD BE ≤100k TO MINIMIZE DC OFFSET TO ±5.5mV
DC Accurate Lowpass Filter with Input Anti-Aliasing
(fCLK ≤ 250kHz)
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com