Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices LTC1065 Datasheet HTML 14Page - Analog Devices LTC1065 Datasheet HTML 15Page - Analog Devices LTC1065 Datasheet HTML 16Page - Analog Devices LTC1065 Datasheet HTML 17Page - Analog Devices LTC1065 Datasheet HTML 18Page - Analog Devices LTC1065 Datasheet HTML 19Page - Analog Devices LTC1065 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC1066-1
17
10661fa
TYPICAL APPLICATIO
1066-1 TA06
7.5V
–7.5V
7.5V
2ND ORDER RC ANTI-ALIASING
FILTER PROVIDES –36dB ATTENUATION
TO INPUTS AT 2fCLK
–7.5V
VOUT
VIN
fCLK
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
OUT A
–IN A
+IN A
V–
V+
CONNECT 1
FILTEROUT
50/100
CLK
V+
OUT B
+IN B
GND
FILTERIN
COMP 2
CONNECT 2
COMP 1
V–
0.1
µF
0.1
µF
0.1
µF
LTC1066-1
20
Ω
20
Ω
402
Ω
1k
20k
0.1
µF
1
µF
C
C
f–3dB = 5•fCUTOFF
C =
µF (f–3dB IN Hz)
fCUTOFF =
fCLK
50
100
f–3dB
f–3dB IS THE –3dB FREQUENCY
OF THE 2ND ORDER RC FILTER
DC Accurate Lowpass Filter with Input Anti-Aliasing
(fCLK > 250kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com