Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 4Page - Analog Devices LTC1065 Datasheet HTML 5Page - Analog Devices LTC1065 Datasheet HTML 6Page - Analog Devices LTC1065 Datasheet HTML 7Page - Analog Devices LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices LTC1065 Datasheet HTML 10Page - Analog Devices LTC1065 Datasheet HTML 11Page - Analog Devices LTC1065 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC1066-1
8
10661fa
15pF capacitor should be connected between pins 11 and
13. Compensation is recommended for the following
cases shown in Table 6.
Table 6. Cases Where an RC Compensation (15pF in Series with
30k
Ω pins 11, 13) is Recommended, fCLK/fCUTOFF = 50:1
VS = Single 5V (AGND = 2V)
TA = 25°CfCUTOFF ≥ 28kHz
TA = 70°CfCUTOFF ≥ 24kHz
VS = ±5V
TA = 25°CfCUTOFF ≥ 60kHz
TA = 70°CfCUTOFF ≥ 50kHz
VS = ±7.5V
TA = 25°CfCUTOFF ≥ 70kHz
TA = 70°CfCUTOFF ≥ 60kHz
Connect Pins (6, 12)
Pin 6 (CONNECT 1) and pin 12 (CONNECT 2) should be
shorted. In a printed circuit board the connection should
be done under the IC package through a short trace
surrounded by the analog ground plane. Pin 6 should be
0.2 inches away from any other circuit trace.
PIN FUNCTIONS
(see Block Diagram). Input bias current flows out of pins
2 and 3. Pin 16 (+IN B) is the positive input of a high
performance op amp B which is internally connected as
a unity-gain follower. Op amp B buffers the switched-
capacitor network output. The input capacitance of both
op amps is 10pF.
Pin 14 (FILTERIN) is the input of a switched-capacitor
network. The input impedance of pin 14 is typically 11k.
Output Pins (1, 7, 17)
Pins 1 and 17 are the outputs of the internal high perfor-
mance op amps A and B. Pin 1 is usually connected to the
internal switched-capacitor filter network input pin 14.
Pin 17 is the buffered output of the filter and it can drive
loads as heavy as 200
Ω (see THD + Noise curves under
Typical Performance Characteristics). Pin 7 is the internal
switched-capacitor network output and it can typically
sink or source 1mA.
Compensation Pins (11, 13)
Pins 11 and 13 are the AC compensation pins. If compen-
sation is needed, an external 30k resistor in series with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com