Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 7Page - Analog Devices LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices LTC1065 Datasheet HTML 10Page - Analog Devices LTC1065 Datasheet HTML 11Page - Analog Devices LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices LTC1065 Datasheet HTML 14Page - Analog Devices LTC1065 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC1066-1
11
10661fa
APPLICATIONS INFORMATION
AC PERFORMANCE
AC (Passband) Gain
The passband gain of the LTC1066-1 is equal to the
passband gain of the internal switched-capacitor lowpass
filter, and it is measured at f = 0.25fCUTOFF. Unlike conven-
tional monolithic filters, the LTC1066-1 starts with an
absolutely perfect 0dB DC gain and phases into an “imper-
fect” AC passband gain, typically
±0.1dB.
The filter’s low passband ripple, typically 0.05dB, is mea-
sured with respect to the AC passband gain.
The LTC1066-1 DC stabilizing loop slightly warps the
filter’s passband performance if the – 3dB frequency of the
feedback passive elements (1/2
πRFCF) is more than the
Figure 4. Passband Behavior
FREQUENCY (Hz)
10
100
1k
10k 20k
1066-1 F04
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
TA = 25°C
fCLK/fC = 50:1
RF = 20k,
CF = 1µF
CURVE D: fCUTOFF = 20kHz = 2500 × 2πR
FCF
1
CURVE C: fCUTOFF = 5kHz = 625 × 2πR
FCF
1
CURVE B: fCUTOFF = 2kHz = 250 ×
2
πRFCF
1
CURVE A: fCUTOFF = 1kHz = 125 × 2πR
FCF
1
A
B
CD
cutoff frequency of the internal switched-capacitor filter
divided by 250. The LTC1066-1 clock tunability directly
relates to the above constraint. Figure 4 illustrates the
passband behavior of the LTC1066-1 and it demonstrates
the clock tunability of the device. A typical LTC1066-1
device was used to trace all four curves of Figure 4. Curve
D, for instance, has nearly zero ripple and 0.04dB passband
gain. Curve D’s 20kHz cutoff is much higher than the 8Hz
cutoff frequency of the RFCF feedback network, so its
passband is free from any additional error due to RFCF
feedback elements. Curve B illustrates the passband error
when the 1MHz clock of curve D is lowered to 100kHz. A
0.1dB error is added to the filter’s original AC gain of
0.04dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com