Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1065
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 3 Page - Analog Devices

  LTC1065 Datasheet HTML 1Page - Analog Devices LTC1065 Datasheet HTML 2Page - Analog Devices LTC1065 Datasheet HTML 3Page - Analog Devices LTC1065 Datasheet HTML 4Page - Analog Devices LTC1065 Datasheet HTML 5Page - Analog Devices LTC1065 Datasheet HTML 6Page - Analog Devices LTC1065 Datasheet HTML 7Page - Analog Devices LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC1066-1
3
10661fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
(See Test Circuit)
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at VS = ±7.5V,
RL = 1k, TA = 25°C, fCLK signal level is TTL or CMOS (maximum clock rise or fall time ≤ 1µs) unless otherwise specified. All AC gain
measurements are referenced to passband gain.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain at fCUTOFF for fCLK = 20kHz, VS = ±7.5V
fCLK/fCUTOFF = 50:1, fTEST = 400Hz
●
– 1.75
– 1.25
– 0.50
dB
Gain at fCUTOFF for VS = ±2.375V, fCLK/fCUTOFF = 50:1
fCLK = 1MHz, fTEST = 20kHz
●
– 1.75
– 0.70
0.10
dB
Gain at 70kHz for VS = ±5V, fCLK/fCUTOFF = 50:1
fCLK = 4MHz, fTEST = 70kHz
●
1.00
1.40
dB
Linear Phase Response
Phase at 0.25fCUTOFF
fCLK = 400kHz, fTEST = 1kHz
– 48.5
– 50.0
– 51.5
Deg
fCLK/fCUTOFF = 100:1,
●
– 48.0
– 50.0
– 52.0
Deg
Pin 8 at GND
Gain at 0.25fCUTOFF
fCLK = 400kHz, fTEST = 1kHz
●
– 0.65
– 0.25
0.25
dB
Phase at 0.50fCUTOFF
fCLK = 400kHz, fTEST = 2kHz
– 97.5
– 99.5
– 101.5
Deg
●
– 97.0
– 99.5
– 102.0
Deg
Gain at 0.50fCUTOFF
fCLK = 400kHz, fTEST = 2kHz
●
– 0.75
– 0.50
– 0.10
dB
Phase at 0.75fCUTOFF
fCLK = 400kHz, fTEST = 3kHz
– 148.0
– 150.5
– 152.5
Deg
●
– 147.5
– 150.5
– 153.0
Deg
Gain at 0.75fCUTOFF
fCLK = 400kHz, fTEST = 3kHz
●
– 1.40
– 1.00
– 0.60
dB
Phase at fCUTOFF
fCLK = 400kHz, fTEST = 4kHz
– 208.0
– 210.0
– 212.5
Deg
●
– 207.5
– 210.0
– 213.0
Deg
Gain at fCUTOFF
fCLK = 400kHz, fTEST = 4kHz
●
– 2.10
– 1.80
– 1.60
dB
Input Bias Current
VS = ±2.375V
60
nA
●
70
135
nA
Input Offset Current
VS = ±2.375V
●
±10
±40
nA
VS ≥ ±5V (Note 3)
●
±10
±45
nA
Input Offset Current TempCo
±2.375V ≤ VS ≤ ±7.5V
40
pA/
°C
Output Voltage Offset TempCo
±2.375V ≤ VS ≤ ±7.5V
7
µV/°C
Output Offset Voltage
VS = ±2.375V, fCLK = 400kHz
±0.5
mV
●
±1.0
±1.5
mV
VS ≥ ±5V
±0.5
mV
(Note 3)
●
±1.0
±1.5
mV
Common Mode Rejection
VS = ±7.5V
90
96
dB
VCM = – 5V to 5V
●
84
90
dB
Power Supply Rejection
VS = ±2.5V to ±7.5V
80
84
dB
●
78
82
dB
Input Voltage Range and Output Voltage Swing
VS = ±2.375V, RL = 1k
±1.2
±1.4
V
●
±1.1
V
VS = ±5V, RL = 1k
±3.4
±3.6
V
●
±3.2
V
VS = ±7.5V, RL = 1k
±5.4
±5.8
V
●
±5.0
V
Output Short-Circuit Current
±2.375V ≤ VS ≤ ±7.5V
±20
mA
Power Supply Current (Note 2)
VS = ±2.375V
14
16
mA
●
16
19
mA
VS = ±5V
22
26
mA
●
23
29
mA
VS = ±7.5V
25
30
mA
●
26
33
mA
Power Supply Range
±2.375
±8V
ELECTRICAL C
C
HARA TERISTICS
Note 2: The maximum current over temperature is at 0
°C. At 70°C the
maximum current is less than its maximum value at 25
°C.
Note 3: Guaranteed by design and test correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com