Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 18 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HV276 Datasheet HTML 14Page - Microchip Technology HV276 Datasheet HTML 15Page - Microchip Technology HV276 Datasheet HTML 16Page - Microchip Technology HV276 Datasheet HTML 17Page - Microchip Technology HV276 Datasheet HTML 18Page - Microchip Technology HV276 Datasheet HTML 19Page - Microchip Technology HV276 Datasheet HTML 20Page - Microchip Technology HV276 Datasheet HTML 21Page - Microchip Technology HV276 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
HV276
DS20005662B-page 18
 2016-2026 Microchip Technology Inc. and its subsidiaries
4.3
DAC Settings
The HVOUT output voltage is a function of the reference
voltage VREF. Equation 4-1 is used to compute its
typical output voltage.
EQUATION 4-1:
TYPICAL HVOUT OUTPUT
VOLTAGE (VOLTS)
4.4
VREF Input Reference Voltage
An external reference VREF provides a reference
voltage to the DAC block. The DAC output is linearly
proportional to the voltage reference VREF. Since the
output amplifier has a fixed gain, this reference voltage
will directly affect the scaling factor of the output within
the operating voltage. Consequently, the reference
voltage VREF can be used as a global gain adjustment
for the device. This feature provides the flexibility to
adjust the output scale without any change to the
software and DAC bit resolution.
This reference voltage supplies to all 16 channels of
DACs. The stability and accuracy of this reference are
very important to the performance of the system. The
tolerance of the reference will create an equal amount
of variation at the DAC output.
One important factor to consider for a suitable external
voltage reference is its loading capability. Since all 16
DACs are running independently, the VREF operating
current may become difficult to predict. Therefore, a
decoupling capacitor is recommended to connect to the
VREF pin to provide a stable reference voltage.
4.5
RBIAS External Bias Resistor
An external bias resistor is used to set the bias current
of the operational amplifier. A high-precision resistor
will improve the amplifier output tolerance. A resistor
with less than ±1% tolerance is recommended. The
two RBIAS pins of the device should be connected
together externally to ground through a single RBIAS
resistor.
Furthermore, a high-quality 0.1 µF ceramic capacitor
should be added in parallel with the reference resistor
to suppress any noise.
FIGURE 4-4:
RBIAS Resistor Connection
4.6
Power On Reset (POR) and RST
Reset
Power-on Reset (POR) function will reset the DAC
input to 400h and set the HVOUT output to 0V when the
device is initially powered. This initialization happens
Note:
Equation 4-1 is for reference only. The
output accuracy and tolerance are only for
VREF = 3.0V ± 0.1%.
50 VREF
DAC decimal
 1024
–
2048
---------------------------------------------------------
=
Where:
DAC (decimal) = 0 – 2047
VREF = 0.6 – 3.0V
TABLE 4-2:
EXAMPLE OF DAC SETTINGS AND HVOUT
11-bit Setting (HEX)
Typical HVOUT Output Voltage
Units
Conditions
000h
-75.0
V
VREF = 3.0V ± 0.1%
400h
0
V
7FFh
74.93
V
GND
HV276
RBIAS (pin 51)
RBIAS
RBIAS (pin 50)
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com