Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 16 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 16 Page - Microchip Technology

Back Button HV276 Datasheet HTML 12Page - Microchip Technology HV276 Datasheet HTML 13Page - Microchip Technology HV276 Datasheet HTML 14Page - Microchip Technology HV276 Datasheet HTML 15Page - Microchip Technology HV276 Datasheet HTML 16Page - Microchip Technology HV276 Datasheet HTML 17Page - Microchip Technology HV276 Datasheet HTML 18Page - Microchip Technology HV276 Datasheet HTML 19Page - Microchip Technology HV276 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
HV276
DS20005662B-page 16
 2016-2026 Microchip Technology Inc. and its subsidiaries
4.2
Communication Protocol
The data transmission from the microcontroller to the
HV276 device conforms to a custom communication
protocol, as shown below. Both header bits and a trailer
bit are added to the data packet to improve its error
rate. The state machine diagram in Figure 4-2 shows
how the HV276 receiver accepts and validates the
received data.
Each DAC data input receives its data from a 11-bit shift
register. The DAC read process is controlled by an
internal detection circuit. The detector stays idle until
there is a trigger signal at SAFETY control input. Within
the window of this trigger signal, the detector at the
serial input waits for two transitions, a low-to-high
transition followed by a high-to-low transition. The 11
bits of serial data follow after the high-to-low transition
is observed. A “0” will be inserted at the end of the data
stream. After the frame data has completed, the
system will automatically latch into the shift-register
output and to the DAC. The HVOUT will start its
transition at the rising edge of the 15th clock cycle. The
detector can start its next detection operation at the
falling edge of the 15th clock cycles. Therefore, the
DAC update takes 14 clock cycles. With a clock
frequency of 33 MHz, the refresh rate will be 424 ns.
The SAFETY signal is shared by all sixteen channels;
however, each channel loads the data independently at
any time based on the status of the detector. After the
detector has activated to accept the data stream, the
SAFETY signal will be ignored during the read process.
It will resume the detection process after the data frame
has been completed.
FIGURE 4-2:
State Machine Diagram of the HV276 Receiver.
IDLE
MARK
RX
LOAD
DAC
END
FRAME
START
DIN =
1 and
SAFETY =
1
DIN =
0
DIN =
1
(Invalid frame detected)
DIN =
0
SHIFT_DONE =
1
DIN =
1
(Invalid frame detected)
Output:
LD_DAC = 0
SHIFT_ACTIVE = 1
Output:
LD_DAC = 0
SHIFT_ACTIVE = 0
Output:
LD_DAC = 0
SHIFT_ACTIVE = 0
Output:
LD_DAC = 0
SHIFT_ACTIVE = 0
Output:
LD_DAC = 1
SHIFT_ACTIVE = 0
START:
Set DAC to 400h from the START state
RX:
Receive and store 11 bits from DIN data stream
Load DAC:
Load 11 bis of data stored in RX state to DAC
DIN =
1 and
SAFETY =
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com