Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 5 Page - Microchip Technology

  HV276 Datasheet HTML 1Page - Microchip Technology HV276 Datasheet HTML 2Page - Microchip Technology HV276 Datasheet HTML 3Page - Microchip Technology HV276 Datasheet HTML 4Page - Microchip Technology HV276 Datasheet HTML 5Page - Microchip Technology HV276 Datasheet HTML 6Page - Microchip Technology HV276 Datasheet HTML 7Page - Microchip Technology HV276 Datasheet HTML 8Page - Microchip Technology HV276 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
 2016-2026 Microchip Technology Inc. and its subsidiaries
DS20005662B-page 5
HV276
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Positive analog supply voltage, AVDD ........................................................................................................ -0.5V to +6.0V
Positive logic supply voltage, DVDD........................................................................................................... -0.5V to +6.0V
Negative analog supply voltage, VSS......................................................................................................... -6.0V to +0.5V
High-voltage positive supply voltage, VPP ................................................................................................ -0.5V to +100V
High-voltage negative supply voltage, VNN............................................................................................... -100V to +0.5V
Logic Input Levels .......................................................................................................................... –0.5V to DVDD + 0.5V
ESD Rating Low-Voltage I/O Pins.................................................................................................................. 2.0 kV HBM
ESD Rating High-Voltage I/O Pins ...................................................................................................................500V HBM
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
Electrical Specifications: unless otherwise specified, AVDD = 5.0V, DVDD = 5.0V, VSS = -5.0V, VPP = +90V,
VNN = -90V, VREF = 3.0V ±0.1%, RST = 3.3V, TJ = +25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
High-Level Input Voltage
VIH
2.0
—
DVDD
V
Low-Level Input Voltage
VIL
0—
0.8
V
Digital VDD Supply Current
DIDD
—25
38
mA
fCLK = 33 MHz,
all DIN = 16.5 MHz, no load.
DIN = 0 to 3.3V logic input.
Analog VDD Supply Current
AIDD
—27
45
mA
fCLK = 33 MHz
See test waveform in
Figure 1-2. All 16 channels.
VSS Supply Current
ISS
—
12
24
mA
See test waveform in
Figure 1-2. All 16 channels.
VPP Supply Current
IPP
—16
32
mA
CL = 250 pF.
See test waveform in
Figure 1-2. All 16 channels.
VNN Supply Current
INN
—17
34
mA
CL = 250 pF.
See test waveform in
Figure 1-2. All 16 channels.
Digital VDD Supply
Quiescent Current
DIDDQ
—
112
200
µA
All DIN = 0V, all input logic
pins = 0V
Analog VDD Supply
Quiescent Current
AIDDQ
—24
39
mA
All DIN = 0V, all input logic
pins = 0V, HVOUT = 0V,
DAC = 400h
VSS Supply Quiescent
Current
ISSQ
—9
18
mA
All DIN = 0V, all input logic
pins = 0V
VPP Supply Quiescent
Current
IPPQ
—1.5
3
mA
HVOUT = 0V, DAC = 400h
VNN Supply Quiescent
Current
INNQ
—2
4
mA
HVOUT = 0V, DAC = 400h
Note 1: Specification is obtained by characterization and is not 100% tested.
2: Design guidance only.
3: Specification is obtained by characterization and the high-voltage output is 100% tested for monotonicity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com