Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 1 Page - Microchip Technology

  HV276 Datasheet HTML 1Page - Microchip Technology HV276 Datasheet HTML 2Page - Microchip Technology HV276 Datasheet HTML 3Page - Microchip Technology HV276 Datasheet HTML 4Page - Microchip Technology HV276 Datasheet HTML 5Page - Microchip Technology HV276 Datasheet HTML 6Page - Microchip Technology HV276 Datasheet HTML 7Page - Microchip Technology HV276 Datasheet HTML 8Page - Microchip Technology HV276 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
 2016-2026 Microchip Technology Inc. and its subsidiaries
DS20005662B-page 1
HV276
Features
• 16 Channels of High-Voltage Output
• 16 Channels of 11-bit Digital-to-Analog
Converters (DACs)
• Up to ±75V Output Voltage
• 1.0 µs Typical Rise/Fall Time
• 250 pF Fixed-Output Load
• 33 MHz Data Shift Register Speed
• 2.5V and 3.3V CMOS Compatible Logic Inputs
• Independent Serial Input Loading Protocol With
Global Safety Control
• 80-Lead Single 11 x 11 x 0.9 mm VQFN Package
Application
• OLED Print Head Driver
General Description
The HV276 is a 16-channel, high-voltage amplifier
array. Each channel consists of a low-voltage digital-to-
analog converter and a fixed-gain high-voltage opera-
tional amplifier. The DAC has 11-bit resolution, and the
DAC output is connected to the fixed-gain high-voltage
operational amplifier with a maximum output voltage
swing of ±75 V for a 250 pF capacitive load.
Each receive channel has its own internal detection cir-
cuit and individual receiver to validate the data from the
serial-to-parallel interface using the SAFETY control
signal and its protocol.
This device consists of 16 11-bit shift registers, control
logic functions and Power-on Reset (POR). Four power
supplies are required, ±5.0V and ±90V. An external
3.0V voltage reference is needed for precision output.
The system supports both 3.3 V or 2.5 V logic input.
Typical Application Circuit
CLK
DIN1
DIN16
*
*
*
*
*
*
RST
SAFETY
11
Serial-to-Parallel
Interface
Hi-V
Amp
11-bit
DAC
3
11
Serial-to-Parallel
Interface
Hi-V
Amp
11-bit
DAC
3
*
*
*
*
*
*
CLK
DIN1
DIN16
*
*
*
*
*
*
RST
SAFETY
11
Serial-to-Parallel
Interface
Hi-V
Amp
11-bit
DAC
3
11
Serial-to-Parallel
Interface
Hi-V
Amp
11-bit
DAC
3
*
*
*
16 channels
16 channels
Data, CLK,
RST, SAFETY
Ext Reference
Voltage
Ext Reference
Voltage
HV276
HV276
16-Channel, 11-Bit DACs and ±75V High-Voltage
Amplifier Array
Obsolete Device


Similar Part No. - HV276

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2762GA-G MICROCHIP-HV2762GA-G Datasheet
614Kb / 16P
Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
More results

Similar Description - HV276

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
16-Bit DACs with 16-Channel
Rev 1; 2/05
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
logo
Linear Technology
LTC2000 LINER-LTC2000_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.5Gsps DACs
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.7Gsps DACs
LTC2000 LINER-LTC2000 Datasheet
892Kb / 14P
16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2000 AD-LTC2000 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.5Gsps DACs
12/17-REV.B
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC61401 TI1-DAC61401 Datasheet
3Mb / 51P
DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com