Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 14 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 14 Page - Microchip Technology

Back Button HV276 Datasheet HTML 10Page - Microchip Technology HV276 Datasheet HTML 11Page - Microchip Technology HV276 Datasheet HTML 12Page - Microchip Technology HV276 Datasheet HTML 13Page - Microchip Technology HV276 Datasheet HTML 14Page - Microchip Technology HV276 Datasheet HTML 15Page - Microchip Technology HV276 Datasheet HTML 16Page - Microchip Technology HV276 Datasheet HTML 17Page - Microchip Technology HV276 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
HV276
DS20005662B-page 14
 2016-2026 Microchip Technology Inc. and its subsidiaries
42
HVOUT15 High-voltage output #15
43
HVOUT14 High-voltage output #14
44
HVOUT13 High-voltage output #13
45
HVOUT12 High-voltage output #12
46
HVOUT11
High-voltage output #11
47
HVOUT10 High-voltage output #10
48
HVOUT9
High-voltage output #9
49
NC
No connect
50
RBIAS
Connect to ground through RBIAS resistor
51
RBIAS
Connect to ground through RBIAS resistor
52
NC
No connect
53
HVOUT8
High-voltage output #8
54
HVOUT7
High-voltage output #7
55
HVOUT6
High-voltage output #6
56
HVOUT5
High-voltage output #5
57
HVOUT4
High-voltage output #4
58
HVOUT3
High-voltage output #3
59
HVOUT2
High-voltage output #2
60
HVOUT1
High-voltage output #1
61
NC
No connect
62
VNN
NEG high-voltage supply
63
NC
No connect
64
NC
No connect
65
VPP
POS high-voltage supply
66
NC
No connect
67
NC
No connect
68
VREF
Voltage reference input (AMP)
69
AGND
Analog circuit ground (AMP)
70
VSS
Analog NEG low-voltage supply
71
AVDD
Analog POS low-voltage supply (AMP)
72
NC
No connect
73
VREF
Voltage reference input (DAC)
74
AGND
Analog circuit ground (DAC)
75
AVDD
Analog POS low-voltage supply (DAC)
76
AGND
Analog circuit ground
77
AVDD
Analog POS low-voltage supply
78
CLK
Clock Input
79
SAFETY
Safety control input
80
DGND
Digital circuit ground
Heat
GND
Connect to ground
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com