Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 24 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 24 Page - Microchip Technology

Back Button HV276 Datasheet HTML 20Page - Microchip Technology HV276 Datasheet HTML 21Page - Microchip Technology HV276 Datasheet HTML 22Page - Microchip Technology HV276 Datasheet HTML 23Page - Microchip Technology HV276 Datasheet HTML 24Page - Microchip Technology HV276 Datasheet HTML 25Page - Microchip Technology HV276 Datasheet HTML 26Page - Microchip Technology HV276 Datasheet HTML 27Page - Microchip Technology HV276 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
HV276
DS20005662B-page 24
 2016-2026 Microchip Technology Inc. and its subsidiaries
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
9.70
9.70
MILLIMETERS
0.50 BSC
MIN
E
MAX
11.00
Contact Pad Length (X20)
Contact Pad Width (X80)
Y1
X1
0.80
0.30
Microchip Technology Drawing C04-2301A
NOM
SILK SCREEN
1
2
80
C1
C2
E
X1
Y1
G2
Y2
X2
C1
Contact Pad Spacing
11.00
Contact Pad to Center Pad (X80)
G2
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.200
ØV
EV
EV
80-Lead Plastic Quad Flat, No Lead Package (8FX) – 11x11x0.9 mm Body [VQFN]
G1
Contact Pad to Contact Pad (X76)
G1
0.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com