Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 12 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HV276 Datasheet HTML 8Page - Microchip Technology HV276 Datasheet HTML 9Page - Microchip Technology HV276 Datasheet HTML 10Page - Microchip Technology HV276 Datasheet HTML 11Page - Microchip Technology HV276 Datasheet HTML 12Page - Microchip Technology HV276 Datasheet HTML 13Page - Microchip Technology HV276 Datasheet HTML 14Page - Microchip Technology HV276 Datasheet HTML 15Page - Microchip Technology HV276 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
HV276
DS20005662B-page 12
 2016-2026 Microchip Technology Inc. and its subsidiaries
FIGURE 2-6:
Typical 0 to +75V Overshoot
(VDD = +5.0V, VSS = -5.0V, VREF = +3.0V,
VPP = +90V, VNN = -90V).
FIGURE 2-7:
Typical -75V to 0V
Overshoot (VDD = +5.0V, VSS = -5.0V,
VREF = +3.0V, VPP = +90V, VNN = -90V).
FIGURE 2-8:
Typical +75V to 0V
Undershoot (VDD = +5.0V, VSS = -5.0V,
VREF = +3.0V, VPP = +90V, VNN = -90V).
FIGURE 2-9:
Typical 0 to -75V
Undershoot (VDD = +5.0V, VSS = -5.0V, VREF =
+3.0V, VPP = +90V, VNN = -90V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com