Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV276 Datasheet HTML 9Page - Microchip Technology HV276 Datasheet HTML 10Page - Microchip Technology HV276 Datasheet HTML 11Page - Microchip Technology HV276 Datasheet HTML 12Page - Microchip Technology HV276 Datasheet HTML 13Page - Microchip Technology HV276 Datasheet HTML 14Page - Microchip Technology HV276 Datasheet HTML 15Page - Microchip Technology HV276 Datasheet HTML 16Page - Microchip Technology HV276 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
 2016-2026 Microchip Technology Inc. and its subsidiaries
DS20005662B-page 13
HV276
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin
Symbol
Description
1DVDD
Digital low-voltage supply
2
NC
No connect
3
DIN1
Data Input #1
4
DIN2
Data Input #2
5
DIN3
Data Input #3
6
DIN4
Data Input #4
7
DIN5
Data Input #5
8
DIN6
Data Input #6
9
DIN7
Data Input #7
10
DIN8
Data Input #8
11
DIN9
Data Input #9
12
DIN10
Data Input #10
13
DIN11
Data Input #11
14
DIN12
Data Input #12
15
DIN13
Data Input #13
16
DIN14
Data Input #14
17
DIN15
Data Input #15
18
DIN16
Data Input #16
19
NC
No connect
20
DVDD
Digital low-voltage supply
21
DGND
Digital circuit ground
22
RST
Reset bar
23
AVDD
Analog POS low-voltage supply
24
AGND
Analog circuit ground
25
AVDD
Analog POS low-voltage supply (DAC)
26
AGND
Analog circuit ground (DAC)
27
VREF
Voltage reference input (DAC)
28
NC
No connect
29
NC
No connect
30
AVDD
Analog POS low-voltage supply (AMP)
31
VSS
Analog NEG low-voltage supply
32
AGND
Analog circuit ground (AMP)
33
VREF
Voltage reference input (AMP)
34
NC
No connect
35
NC
No connect
36
VPP
POS high-voltage supply
37
NC
No connect
38
NC
No connect
39
VNN
NEG high-voltage supply
40
NC
No connect
41
HVOUT16 High-voltage output #16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com