Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 3 Page - Microchip Technology

  HV276 Datasheet HTML 1Page - Microchip Technology HV276 Datasheet HTML 2Page - Microchip Technology HV276 Datasheet HTML 3Page - Microchip Technology HV276 Datasheet HTML 4Page - Microchip Technology HV276 Datasheet HTML 5Page - Microchip Technology HV276 Datasheet HTML 6Page - Microchip Technology HV276 Datasheet HTML 7Page - Microchip Technology HV276 Datasheet HTML 8Page - Microchip Technology HV276 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
 2016-2026 Microchip Technology Inc. and its subsidiaries
DS20005662B-page 3
HV276
Block Diagram
11-bit
DAC
-
+
VPP
VNN
11
VREF
Hi-V
Opamp
HVOUT1
CLK
DIN1
Bias
Circuit
HVOUT16
AVDD VSS
VPP VNN
GND
11-bit
DAC
-
+
VPP
VNN
11
Hi-V
Opamp
Bias
Circuit
DIN16
*
*
*
*
*
*
*
*
*
RST
SAFETY
DVDD
Power- n Reset
RBIAS
*
*
*
16 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com