Electronic Components Datasheet Search
  English  ▼

X  

HV276 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV276
Description  16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV276 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV276 Datasheet HTML 4Page - Microchip Technology HV276 Datasheet HTML 5Page - Microchip Technology HV276 Datasheet HTML 6Page - Microchip Technology HV276 Datasheet HTML 7Page - Microchip Technology HV276 Datasheet HTML 8Page - Microchip Technology HV276 Datasheet HTML 9Page - Microchip Technology HV276 Datasheet HTML 10Page - Microchip Technology HV276 Datasheet HTML 11Page - Microchip Technology HV276 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
HV276
DS20005662B-page 8
 2016-2026 Microchip Technology Inc. and its subsidiaries
Settling Time
tST
—
1
2.20
µs
VPP = 90V, VNN= - 90V,
CL= 250 pF.
Temperature range from
0°C to +100°C.
See Figure 1-1.
Latency from end of data frame
(15th clock cycle) to 10% of
HVOUT
tdHL/tdLH
—
—
1000
ns
VDD = 5.0V, VSS = -5.0V,
VPP = 90V, VNN = -90V,
CL= 250 pF.
See Figure 1-4.
HVOUT Latency Tolerance
td
—
—
±500
ns
VDD = 5.0V, VSS = -5.0V,
VPP = 90V, VNN = -90V,
CL= 250 pF.
See Figure 1-4.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: unless otherwise specified, AVDD = 5.0V, DVDD = 5.0V, VSS = -5.0V, VPP = +90V,
VNN = -90V, VREF = 3.0V ±0.1%, RST = 3.3V, TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
0—
+100
°C
Storage Temperature Range
TA
-55
—
+150
°C
Maximum Junction Temperature
TJ
——
+125
°C
Package Thermal Resistances
Thermal Resistance, 80L-11x11 VQFN
R,JA
—17.35
—
°C/W
Thermal Resistance (with thermal pad),
80L-11x11 VQFN
R,JC
—
2.15
—
°C/W
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
Electrical Specifications: unless otherwise specified, AVDD = 5.0V, DVDD = 5.0V, VSS = -5.0V, VPP = +90V,
VNN = -90V, VREF = 3.0V ±0.1%, RST = 3.3V, tR(rise time) = 5 ns, tF(fall time) = 5 ns, TJ = +25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification is obtained by characterization and is not 100% tested.
2: Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com