Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 4 Page - Analog Devices

  MAX9736 Datasheet HTML 1Page - Analog Devices MAX9736 Datasheet HTML 2Page - Analog Devices MAX9736 Datasheet HTML 3Page - Analog Devices MAX9736 Datasheet HTML 4Page - Analog Devices MAX9736 Datasheet HTML 5Page - Analog Devices MAX9736 Datasheet HTML 6Page - Analog Devices MAX9736 Datasheet HTML 7Page - Analog Devices MAX9736 Datasheet HTML 8Page - Analog Devices MAX9736 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
(VPVDD = 20V, VVS = 5V, VAGND = VPGND = 0V, VMOD = VSHDN = VMUTE = 5V, REGEN = MONO = AGND, C1 = 0.1μF, C2 = 1μF,
RIN_ = 20kΩ and RFB_= 20kΩ, RL = ∞, AC measurement bandwidth 22Hz to 22kHz, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 4, 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9736B Output Power
(THD+N = 1%)
POUT_1%
VPVDD = 12V
Stereo
RL = 8Ω
6
W
RL = 4Ω
11
Mono
RL = 4Ω
12
VPVDD = 18V
Stereo
RL = 8Ω
6
Mono
RL = 4Ω
12
VPVDD = 24V
Stereo
RL = 8Ω
6
Mono
RL = 4Ω
12
MAX9736A Output Power
(THD+N = 10%)
POUT_10%
VPVDD = 12V
Stereo
RL = 8Ω
10
W
RL = 4Ω
16
Mono
RL = 4Ω
19.5
VPVDD = 18V
Stereo
RL = 8Ω
17.5
Mono
RL = 4Ω
35
VPVDD = 24V
Stereo
RL = 8Ω
17.5
Mono
RL = 4Ω
35
MAX9736B Output Power
(THD+N = 10%)
POUT_10%
VPVDD = 12V
Stereo
RL = 8Ω
7.5
W
RL = 4Ω
14
Mono
RL = 4Ω
15
VPVDD = 18V
Stereo
RL = 8Ω
7.5
Mono
RL = 4Ω
15
VPVDD = 24V
Stereo
RL = 8Ω
7.5
Mono
RL = 4Ω
15
MAX9736D Output Power
(Thermally Limited)
VPVDD = 12V
Stereo
RL = 8Ω
8.5
W
Mono
RL = 4Ω
17
VPVDD = 18V
Stereo
RL = 8Ω
5.5
Mono
RL = 4Ω
11
VPVDD = 24V
Stereo
RL = 8Ω
3.5
Mono
RL = 4Ω
7
Total Harmonic Distortion
Plus Noise
THD+N
MAX9736A, POUT = 4W, f = 1kHz,
PWM modulation mode, RL = 8Ω
0.04
%
MAX9736B/D, POUT = 2W, f = 1kHz,
PWM modulation mode, RL = 8Ω
0.04
Signal-to-Noise Ratio
SNR
A-weighted
MAX9736A/D,
POUT = 8W, RL = 8Ω
96.5
dB
MAX9736B,
POUT = 6W, RL = 8Ω
97
Noise
VN
A-weighted
(Note 9)
MAX9736A/D
120
µVRMS
MAX9736B
100
MAX9736
Mono/Stereo High-Power Class D Amplifier
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com