Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 16 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 16 Page - Analog Devices

Back Button MAX9736 Datasheet HTML 12Page - Analog Devices MAX9736 Datasheet HTML 13Page - Analog Devices MAX9736 Datasheet HTML 14Page - Analog Devices MAX9736 Datasheet HTML 15Page - Analog Devices MAX9736 Datasheet HTML 16Page - Analog Devices MAX9736 Datasheet HTML 17Page - Analog Devices MAX9736 Datasheet HTML 18Page - Analog Devices MAX9736 Datasheet HTML 19Page - Analog Devices MAX9736 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Applications Information
Filterless Class D Operation
The MAX9736 meets EN55022B EMC radiation limits
with an inexpensive ferrite bead and capacitor filter when
the speaker leads are less than or equal to 1m. Select a
ferrite bead with 100Ω to 600Ω impedance and rated for
at least 2A. The capacitor value varies based on the ferrite
bead chosen and the speaker lead length. See Figure 3
for the correct connections of these components.
When evaluating the MAX9736 with a ferrite bead filter
and resistive load, include a series inductor (68μH for
8Ω load and 33μH for 4Ω load) to model the actual loud-
speaker’s behavior. Omitting the series inductor reduces
the efficiency, the THD+N performance, and the output
power of the MAX9736. When evaluating with a load
speaker, no series inductor is required.
Inductor-Based Output Filters
Some applications use the MAX9736 with a full inductor-/
capacitor-based (LC) output filter. Select the PWM output
mode for best audio performance. See Figure 4 for the
correct connections of these components.
The load impedance of the speaker determines the filter
component selection (see Table 1).
Inductors L1 and L2, and capacitor C1 form the primary
output filter. Capacitors C2 and C3 provide common-mode
filtering to reduce radiated emissions. Capacitors C4 and
C5, plus resistors R1 and R2, form a Zobel at the output.
A Zobel corrects the output loading to compensate for the
rising impedance of the loudspeaker. Without a Zobel the
filter exhibits a peak response near the cutoff frequency.
Component Selection
Gain-Setting Resistors
External feedback resistors set the gain of the MAX9736.
The output stage provides a fixed internal gain in addi-
tion to the externally set input stage gain. For the
MAX9736A/D, the fixed output-stage gain is set at 17dB
(7V/V). For the MAX9736B, the fixed output-stage gain is
set at 13.6dB (4.8V/V). Set overall gain by using resistors
RF and RIN (Figure 5) as follows:
F
V
IN
F
V
IN
R
MAX9736A : A
7.1
V / V
R
R
MAX9736B : A
4.8
V / V
R
−
−

=



=


where AV is the desired voltage gain. Choose RF between
10kΩ and 50kΩ.
Figure 5. Setting Gain
Table 1. Suggested Values for LC Filter
Figure 4. Output Filter for PWM Mode
Figure 3. Ferrite Bead Filter
RL (Ω)
L1, L2 (µH)
C1 (µF)
C2, C3 (µF)
C4, C5 (µF)
R1, R2 (Ω)
4
10
0.47
0.10
0.22
10
8
15
0.15
0.15
0.15
15
16
33
0.10
0.10
0.10
33
MAX9736
C3
L1
L2
C2
C1
C5
R2
C4
R1
MAX9736
CIN
AUDIO
INPUT
RIN
RF
CCOM
FB_
IN_
COM
OUT_+
OUT_-
MAX9736
C1
330pF
FB1 AND FB2 = WURTH 742792040
C2
330pF
FB1
FB2
MAX9736
Mono/Stereo High-Power Class D Amplifier
www.maximintegrated.com
Maxim Integrated │ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com