Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 20 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 20 Page - Analog Devices

Back Button MAX9736 Datasheet HTML 16Page - Analog Devices MAX9736 Datasheet HTML 17Page - Analog Devices MAX9736 Datasheet HTML 18Page - Analog Devices MAX9736 Datasheet HTML 19Page - Analog Devices MAX9736 Datasheet HTML 20Page - Analog Devices MAX9736 Datasheet HTML 21Page - Analog Devices MAX9736 Datasheet HTML 22Page - Analog Devices MAX9736 Datasheet HTML 23Page - Analog Devices MAX9736 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Note: All devices are specified over the -40°C to +85°C operating
temperature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
/V denotes an automotive qualified part.
PART
STEREO/MONO
OUTPUT POWER PIN-PACKAGE
MAX9736AETJ+
2 x 15W/
1 x 30W
32 TQFN-EP*
7mm x 7mm
MAX9736AETJ/V+
2 x 15W/
1 x 30W
32 TQFN-EP*
7mm x 7mm
MAX9736BETJ+
2 x 6W/
1 x 12W
32 TQFN-EP*
7mm x 7mm
MAX9736BETJ/V+
2 x 6W/
1 x 12W
32 TQFN-EP*
7mm x 7mm
MAX9736DETJ+
2 x 6W/
1 x 12W
32 TQFN-EP*
5mm x 5mm
MAX9736
Mono/Stereo High-Power Class D Amplifier
www.maximintegrated.com
Maxim Integrated │ 20
Chip Information
PROCESS: BiCMOS
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com