Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX9736 Datasheet HTML 9Page - Analog Devices MAX9736 Datasheet HTML 10Page - Analog Devices MAX9736 Datasheet HTML 11Page - Analog Devices MAX9736 Datasheet HTML 12Page - Analog Devices MAX9736 Datasheet HTML 13Page - Analog Devices MAX9736 Datasheet HTML 14Page - Analog Devices MAX9736 Datasheet HTML 15Page - Analog Devices MAX9736 Datasheet HTML 16Page - Analog Devices MAX9736 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PIN
NAME
FUNCTION
1, 2
OUTL-
Left-Channel Negative Speaker Output
3
BOOT
Charge-Pump Output. Connect a 1µF charge-pump holding capacitor from BOOT to PVDD.
4
MONO
Mono Select. Set MONO high for mono mode, low for stereo mode.
5
FBL
Left-Channel Feedback. Connect feedback resistor between FBL and INL to set amplifier gain.
6
INL
Stereo Left-Channel Inverting Input. In mono mode, INL is the inverting audio input for the mono amplifier.
7, 8, 17
N.C.
No Connection. Not internally connected. OK to connect to PGND.
9
MUTE
Mute Input. Drive MUTE low to place the device in mute mode.
10
SHDN
Shutdown Input. Drive SHDN low to place the device in shutdown mode.
11
REGEN
Internal Regulator Enable Input. Connect REGEN to SHDN to enable the internal regulator. Drive REGEN
low to disable the internal regulator, and supply the device with an external 5V supply on VS. See the
Power-Supply Sequencing section.
12
COM
Internal 2V Bias. Bypass COM to AGND with a 1µF capacitor.
13, 14
AGND
Analog Ground
15
REG
Internal Regulator Output. Bypass REG to AGND with a 1µF capacitor.
16
VS
5V Regulator Supply. Bypass VS to AGND with a 1µF capacitor. If REGEN is low, the internal regulator is
disabled, and an external 5V supply must be connected to VS. See the Power-Supply Sequencing section.
MAX9736
TQFN
TOP VIEW
29
30
28
27
12
11
13
14
1
2
PGND
4
5
6
7
23
24
22
20 19 18
PGND
PVDD
AGND
AGND
COM
REGEN
3
21
31
10
OUTL+
SHDN
32
9
OUTL+
MUTE
EP*
+
EP* = EXPOSED PAD, CONNECT TO PGND.
PVDD
26
15 REG
OUTR+
25
16 VS
8
17
OUTR+
MAX9736
Mono/Stereo High-Power Class D Amplifier
www.maximintegrated.com
Maxim Integrated │ 13
Pin Description
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com