Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 3 Page - Analog Devices

  MAX9736 Datasheet HTML 1Page - Analog Devices MAX9736 Datasheet HTML 2Page - Analog Devices MAX9736 Datasheet HTML 3Page - Analog Devices MAX9736 Datasheet HTML 4Page - Analog Devices MAX9736 Datasheet HTML 5Page - Analog Devices MAX9736 Datasheet HTML 6Page - Analog Devices MAX9736 Datasheet HTML 7Page - Analog Devices MAX9736 Datasheet HTML 8Page - Analog Devices MAX9736 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
(VPVDD = 20V, VVS = 5V, VAGND = VPGND = 0V, VMOD = VSHDN = VMUTE = 5V, REGEN = MONO = AGND, C1 = 0.1μF, C2 = 1μF,
RIN_ = 20kΩ and RFB_= 20kΩ, RL = ∞, AC measurement bandwidth 22Hz to 22kHz, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 4, 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AMPLIFIER DC CHARACTERISTICS
Speaker Supply Voltage Range
PVDD
Inferred from PSRR test
8
28
V
Preamplifier Supply Voltage
Range
VS
(Notes 1 and 7)
4.5
5.5
V
Undervoltage Lockout
UVLO
7
V
Quiescent Supply Current
IPVDD
RL = ∞, VREGEN = 5V,
VVS = open
TA = +25°C
30
45
mA
TA = TMIN to TMAX
50
IVS
RL = ∞, VREGEN = 0V,
VVS = 5V
TA = +25°C
14
20
mA
TA = TMIN to TMAX
22
Shutdown Supply Current
ISHDN
VSHDN = 0V
IPVDD
1
10
µA
IVS
10
REG Voltage
VREG
4.2
V
Preregulator Voltage
VS
Internal regulated 5V, VREGEN = 5V
4.8
V
COM Voltage
VCOM
1.9
2.05
2.2
V
INPUT AMPLIFIER CHARACTERISTICS
Capacitive Drive
CL
30
pF
Output Swing (Note 6)
Sinking ±1mA
±2
V
Open-Loop Gain
AVO
VFB_ = VCOM ±500mV, RFB_= 20kΩ to IN_
88
dB
Input Offset Voltage
VOS
±1
mV
Input Amplifier Slew Rate
2.5
V/µs
Input Amplifier Unity-Gain
Bandwidth
3.5
MHz
AMPLIFIER CHARACTERISTICS
Output Amplifier Gain (Note 8)
AV
MAX9736A, MAX9736D
16.5
17
17.5
dB
MAX9736B
13.1
13.6
14.1
Output Current Limit
3.3
4.6
A
Output Offset
VOS
OUT_+ to OUT_-, TA = +25°C
±2
±10
mV
Power-Supply Rejection Ratio
PSRR
PVDD = 8V to 28V, TA = +25°C
65
80
dB
f = 1kHz, 100mVP-P ripple
67
MAX9736A Output Power
(THD+N = 1%)
POUT_1%
VPVDD = 12V
Stereo
RL = 8Ω
8
W
RL = 4Ω
13
Mono
RL = 4Ω
15.5
VPVDD = 18V
Stereo
RL = 8Ω
13.5
Mono
RL = 4Ω
27
VPVDD = 24V
Stereo
RL = 8Ω
13.5
Mono
RL = 4Ω
27
MAX9736
Mono/Stereo High-Power Class D Amplifier
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com