Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX9736 Datasheet HTML 4Page - Analog Devices MAX9736 Datasheet HTML 5Page - Analog Devices MAX9736 Datasheet HTML 6Page - Analog Devices MAX9736 Datasheet HTML 7Page - Analog Devices MAX9736 Datasheet HTML 8Page - Analog Devices MAX9736 Datasheet HTML 9Page - Analog Devices MAX9736 Datasheet HTML 10Page - Analog Devices MAX9736 Datasheet HTML 11Page - Analog Devices MAX9736 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
(MAX9736A, VPVDD = 12V, MOD = high, spread-spectrum modulation mode, VGND = VPGND = 0V, VSHDN = VMUTE = 5V, unless
otherwise noted.)
EFFICIENCY
vs. TOTAL OUTPUT POWER
MAX9736 toc18
TOTAL OUTPUT POWER (W)
25
20
15
10
5
0
3
0
EFFICIENCY
POWER DISSIPATION
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
0
VPVDD = 24V,
SPREAD SPECTRUM,
8Ω LOAD
EFFICIENCY
vs. TOTAL OUTPUT POWER
MAX9736 toc19
TOTAL OUTPUT POWER (W)
15
10
5
0
20
VPVDD = 12V,
FIXED FREQUENCY,
4Ω LOAD
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
0
EFFICIENCY
POWER DISSIPATION
EFFICIENCY
vs. TOTAL OUTPUT POWER
MAX9736 toc20
TOTAL OUTPUT POWER (W)
25
20
15
10
5
0
3
0
EFFICIENCY
POWER DISSIPATION
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
0
VPVDD= 12V,
SPREAD SPECTRUM,
4Ω LOAD
TOTAL OUTPUT POWER vs. VDD
LOAD = 8 , f = 1kHz
SUPPLY VOLTAGE (V)
25
10
20
15
5
10
15
20
25
30
35
40
0
5
30
1% THD+N
10% THD+N
EFFICIENCY
POWER DISSIPATION
VPVDD = 24V,
FIXED FREQUENCY,
8Ω LOAD
10
20
30
40
50
60
70
80
90
100
0
EFFICIENCY
vs. TOTAL OUTPUT POWER
MAX9736 toc17
1
2
3
4
5
6
7
8
9
10
0
TOTAL OUTPUT POWER (W)
25
20
15
10
5
0
3
0
TOTAL OUTPUT POWER vs. LOAD RESISTANCE
VDD = 12V, f = 1kHz, SPREAD SPECTRUM
LOAD RESISTANCE (Ω)
25
10
20
15
2
4
6
8
10
12
14
16
0
5
30
1% THD+N
10% THD+N
TOTAL OUTPUT POWER vs. LOAD RESISTANCE
VDD = 18V, f = 1kHz, SPREAD SPECTRUM
LOAD RESISTANCE (Ω)
25
20
15
10
10
5
15
20
25
30
0
5
30
10% THD+N
1% THD+N
Maxim Integrated │ 8
www.maximintegrated.com
MAX9736
Mono/Stereo High-Power Class D Amplifier
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com