Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX9736 Datasheet HTML 7Page - Analog Devices MAX9736 Datasheet HTML 8Page - Analog Devices MAX9736 Datasheet HTML 9Page - Analog Devices MAX9736 Datasheet HTML 10Page - Analog Devices MAX9736 Datasheet HTML 11Page - Analog Devices MAX9736 Datasheet HTML 12Page - Analog Devices MAX9736 Datasheet HTML 13Page - Analog Devices MAX9736 Datasheet HTML 14Page - Analog Devices MAX9736 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
(MAX9736A, VPVDD = 12V, MOD = high, spread-spectrum modulation mode, VGND = VPGND = 0V, VSHDN = VMUTE = 5V, unless
otherwise noted.)
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
30
25
20
15
10
5
0.1
1
10
0.01
0
35
6kHz
1kHz
20Hz
VPVDD = 18V,
FIXED FREQUENCY,
4Ω LOAD, MONO
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
30
25
20
15
10
5
0.1
1
10
0.01
0
35
6kHz
1kHz
20Hz
VPVDD = 18V,
SPREAD SPECTRUM,
4Ω LOAD, MONO
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
30
25
20
15
10
5
0.1
1
10
0.01
0
35
1kHz
VPVDD = 24V,
FIXED FREQUENCY,
4Ω LOAD, MONO
6kHz
20Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (VDD = 24V,
SPREAD SPECTRUM, 4Ω LOAD, MONO)
OUTPUT POWER (W)
30
24
18
12
6
0
36
6kHz
1kHz
20Hz
0.1
1
10
0.01
EFFICIENCY
vs. OUTPUT POWER
OUTPUT POWER (W)
15
10
5
10
20
30
40
50
60
70
80
90
0
0
20
4Ω LOAD, MONO,
1kHz FIXED FREQUENCY
VPVDD = 24V
VPVDD = 18V
VPVDD = 12V
EFFICIENCY
vs. OUTPUT POWER
10
20
30
40
50
60
70
80
90
100
0
4Ω LOAD, MONO,
f = 1kHz SPREAD SPECTRUM
OUTPUT POWER (W)
15
10
5
0
20
VPVDD = 24V
VPVDD = 18V
VPVDD = 12V
OUTPUT POWER vs. VDD
(LOAD = 4Ω, f = 1kHz, SPREAD SPECTRUM, MONO)
SUPPLY VOLTAGE (V)
26
24
10 12 14
18 20
16
22
5
10
15
20
25
30
35
40
0
8
28
10% THD+N
1% THD+N
4Ω LOAD
f = 1kHz,
SPREAD SPECTRUM, MONO
Maxim Integrated │ 11
www.maximintegrated.com
MAX9736
Mono/Stereo High-Power Class D Amplifier
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com