Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX9736 Datasheet HTML 5Page - Analog Devices MAX9736 Datasheet HTML 6Page - Analog Devices MAX9736 Datasheet HTML 7Page - Analog Devices MAX9736 Datasheet HTML 8Page - Analog Devices MAX9736 Datasheet HTML 9Page - Analog Devices MAX9736 Datasheet HTML 10Page - Analog Devices MAX9736 Datasheet HTML 11Page - Analog Devices MAX9736 Datasheet HTML 12Page - Analog Devices MAX9736 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
(MAX9736A, VPVDD = 12V, MOD = high, spread-spectrum modulation mode, VGND = VPGND = 0V, VSHDN = VMUTE = 5V, unless
otherwise noted.)
TOTAL OUTPUT POWER
vs. LOAD RESISTANCE
5
10
15
20
25
30
35
40
0
LOAD RESISTANCE (Ω)
25
20
15
10
5
0
30
10% THD+N
1% THD+N
VPVDD = 24V,
SPREAD SPECTRUM
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
10
100k
100mVP-P,
PVDD RIPPLE,
8Ω LOAD
CROSSTALK vs. FREQUENCY
-100
-80
-60
-40
-20
0
-120
1W OUTPUT,
8Ω LOAD,
SPREAD SPECTRUM
RIGHT TO LEFT
LEFT TO RIGHT
FREQUENCY (Hz)
10k
1k
100
10
100k
INBAND OUTPUT SPECTRUM
FREQUENCY (kHz)
15
10
5
-100
-80
-60
-40
-20
0
-120
0
20
8Ω LOAD,
FIXED FREQUENCY
INBAND OUTPUT SPECTRUM
FREQUENCY (kHz)
15
10
5
-100
-80
-60
-40
-20
0
-120
0
20
8Ω LOAD,
SPREAD SPECTRUM
WIDEBAND OUTPUT SPECTRUM
FREQUENCY (MHz)
10
1
-100
-80
-60
-40
-20
0
20
-120
0.1
100
8Ω LOAD,
FIXED FREQUENCY
WIDEBAND OUTPUT SPECTRUM
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-100
FREQUENCY (MHz)
10
1
0.1
100
8Ω LOAD,
SPREAD SPECTRUM
SHDN ON-/OFF-RESPONSE
MAX9736 toc31
40ms/div
SHDN
2V/div
OUTPUT
5V/div
MUTE ON-/OFF-RESPONSE
MAX9736 toc32
40ms/div
OUTPUT
5V/div
MUTE
2V/div
Maxim Integrated │ 9
www.maximintegrated.com
MAX9736
Mono/Stereo High-Power Class D Amplifier
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com