Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 17 Page - Analog Devices

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9736 Datasheet(HTML) 17 Page - Analog Devices

Back Button MAX9736 Datasheet HTML 13Page - Analog Devices MAX9736 Datasheet HTML 14Page - Analog Devices MAX9736 Datasheet HTML 15Page - Analog Devices MAX9736 Datasheet HTML 16Page - Analog Devices MAX9736 Datasheet HTML 17Page - Analog Devices MAX9736 Datasheet HTML 18Page - Analog Devices MAX9736 Datasheet HTML 19Page - Analog Devices MAX9736 Datasheet HTML 20Page - Analog Devices MAX9736 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
The FB terminal is an op amp output and the IN terminal
is the op amp inverting input, allowing the MAX9736 to be
configured as a summing amplifier, a filter, or an equalizer.
Input Capacitor
An input capacitor, CIN, in conjunction with the input
resistor, RIN, of the MAX9736 forms a highpass filter
that removes the DC bias from an incoming signal. The
AC-coupling capacitor allows the amplifier to automati-
cally bias the signal to an optimum DC level. Assuming
zero-source impedance, the -3dB point of the highpass
filter is given by:
3dB
IN IN
1
f
2R C
−
=
π
Choose CIN so that f-3dB is well below the lowest fre-
quency of interest. Use capacitors whose dielectrics have
low voltage coefficients. Capacitors with high-voltage
coefficients cause increased distortion close to f-3dB.
COM Capacitor
COM is the output of the internally generated DC bias
voltage. Bypass COM with a 1μF capacitor to AGND.
Power Supplies
The MAX9736 features separate supplies for signal and
power portions of the device, allowing for the optimum
combination of headroom, power dissipation, and noise
immunity. The speaker amplifiers are powered from
PVDD and can range from 8V to 28V. The remainder of
the MAX9736 is powered by VS.
Power-Supply Sequencing
During power-up and power-down, VS must not exceed
PVDD. VS greater than PVDD will damage the device.
Internal Regulator
The MAX9736 features an internal 5V regulator, VS,
powered from PVDD. Connect REGEN to SHDN so that
the internal 5V regulator is enabled/disabled when the
MAX9736 is enabled/disabled. If an external 5V supply is
available, drive REGEN low and connect external 5V supply
to VS to minimize the power dissipation of the MAX9736.
Supply Bypassing,
Layout, and Grounding
Proper layout and grounding are essential for optimum
performance. Use wide traces for the power-supply inputs
and amplifier outputs to minimize losses due to parasitic
trace resistance. Proper grounding improves audio perfor-
mance, minimizes crosstalk between channels, and pre-
vents switching noise from coupling into the audio signal.
Connect PGND and AGND together at a single point on
the PCB. Route all traces that carry switching transients
away from AGND and the traces/components in the audio
signal path.
Bypass each PVDD pin with a 0.1μF capacitor to PGND.
Place the bypass capacitors as close as possible to the
MAX9736. Place a 220μF capacitor between PVDD and
PGND. Bypass VS with a 1μF capacitor to AGND.
Use wide, low-resistance output traces. Current drawn
from the outputs increases as load impedance decreases.
High-output trace resistance decreases the power deliv-
ered to the load. The MAX9736 TQFN package features
an exposed thermal paddle on its underside. This paddle
lowers the package’s thermal resistance by providing a
heat conduction path from the die to the PCB. Connect
the exposed thermal pad to PGND by using a large pad
and multiple vias to the PGND plane.
MAX9736
Mono/Stereo High-Power Class D Amplifier
www.maximintegrated.com
Maxim Integrated │ 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com