Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 4 Page - Analog Devices

  MAX9934 Datasheet HTML 1Page - Analog Devices MAX9934 Datasheet HTML 2Page - Analog Devices MAX9934 Datasheet HTML 3Page - Analog Devices MAX9934 Datasheet HTML 4Page - Analog Devices MAX9934 Datasheet HTML 5Page - Analog Devices MAX9934 Datasheet HTML 6Page - Analog Devices MAX9934 Datasheet HTML 7Page - Analog Devices MAX9934 Datasheet HTML 8Page - Analog Devices MAX9934 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
4
Maxim Integrated
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
0.1% final value, Figure 1, MAX9934T
670
Output Settling Time
tS
0.1% final value, Figure 1, MAX9934F
220
µs
Output to 0.1% final value, Figure 2,
MAX9934T
150
Output Select Time
tZH
Output to 0.1% final value, Figure 2,
MAX9934F
80
µs
Output Deselect Time
tHZ
Output step of 100mV, CL = 10pF,
Figure 2
2µs
Power-Down Time
tPD
Output step of -100mV, CL = 10pF,
VCC > 2.5V
2µs
0.1% final value, Figure 3, MAX9934T
300
Power-Up Time
tPU
0.1% final value, Figure 3, MAX9934F
200
µs
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0V, VCM = (VRS+ + VRS-)/2, VCS = 3.3V, ROUT = 10kΩ to GND for unidirectional opera-
tion, ROUT = 10kΩ to VCC/2 for bidirectional operation. TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25°C. Unless otherwise noted, specifications overtemperature are guaran-
teed by design.
Note 3: Guaranteed by design. Thermocouple, contact resistance, RS- input-bias current, and leakage effects preclude measure-
ment of this parameter during production testing. Devices are screened during production testing to eliminate defective
units.
Note 4: Gain error tested in unidirectional mode: 0.2V
≤ VOUT ≤ 3.1V for the MAX9934T; 0.25V ≤ VOUT ≤ 2.5V for the MAX9934F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com