Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 15 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 15 Page - Analog Devices

Back Button MAX9934 Datasheet HTML 11Page - Analog Devices MAX9934 Datasheet HTML 12Page - Analog Devices MAX9934 Datasheet HTML 13Page - Analog Devices MAX9934 Datasheet HTML 14Page - Analog Devices MAX9934 Datasheet HTML 15Page - Analog Devices MAX9934 Datasheet HTML 16Page - Analog Devices MAX9934 Datasheet HTML 17Page - Analog Devices MAX9934 Datasheet HTML 18Page - Analog Devices MAX9934 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
15
Maxim Integrated
Three components are to be selected to optimize the
current-sense system: RSENSE, ROUT, and the
MAX9934 gain option (GM = 25µA/mV or 5µA/mV).
Tables 1 and 2 are gain tables for unidirectional and
bidirectional operation, respectively. They offer a few
examples for both MAX9934 options having an output
range of 3.1V unidirectional and ±1.65V bidirectional.
Note that the output current of the MAX9934 adds to its
quiescent current. This can be calculated as follows:
IOUT,MAX = VOUT,MAX/ROUT
When selecting RSENSE, consider the expected magni-
tude of ILOAD and the required VSENSE to manage
power dissipation in RSENSE:
RSENSE = VSENSE,MAX/ILOAD,MAX
RSENSE is typically a low-value resistor specifically
designed for current-sense applications.
Finally, in selecting the appropriate MAX9934 gain option
(GM), consider both the required VSENSE and IOUT:
GM = IOUT,MAX/VSENSE,MAX
Once all three component values have been selected in
the current-sense application, the system performance
is represented by:
VSENSE = RSENSE x ILOAD
and
VOUT = VSENSE x GM x ROUT
Accuracy
In a first-order analysis of accuracy there are two
MAX9934 specifications that contribute to output error,
input offset (VOS) and gain error (GE). The MAX9934 has
a maximum VOS of 10µV and a maximum GE of 0.25%.
Note that the tolerance and temperature coefficient of
the chosen resistors directly affect the precision of any
measurement system.
Efficiency and Power Dissipation
At high-current levels, the I2R losses in RSENSE can be
significant. Take this into consideration when choosing
the resistor value and its power dissipation (wattage)
rating. Also, the sense resistor’s value drifts if it is
allowed to self-heat excessively. The precision VOS of
the MAX9934 allows the use of a small sense resistor to
reduce power dissipation and eliminate hot spots.
Kelvin Contacts
Due to the high currents that flow through RSENSE, take
care to prevent trace resistance in the load current path
from causing errors in the sense voltage. Use a four ter-
minal current-sense resistor or Kelvin contacts (force
and sense) PCB layout techniques.
Interfacing the MAX9934 to SAR ADCs
Since the MAX9934 is essentially a high-output imped-
ance current-source, its output termination resistor,
ROUT, acts like a source impedance when driving an
ADC channel. Most successive approximation register
(SAR) architecture ADCs specify a maximum source
resistance to avoid compromising the accuracy of their
readings. Choose the output termination resistor ROUT
such that it is less than that required by the ADC speci-
fication (10k
Ω or less). If the ROUT is larger than the
source resistance specified, the ADC internal sampling
capacitor can momentarily load the amplifier output
and cause a drop in the voltage reading.
If ROUT is larger than the source resistance specified,
consider using a ceramic capacitor from ADC input to
GND. This input capacitor supplies momentary charge
to the internal ADC sampling capacitor, helping hold
VOUT constant to within ±1/2 LSB during the acquisition
period. Use of this capacitor reduces the noise in the
output signal to improve sensitivity of measurement.
PART
VSENSE
(mV)
OUTPUT
CURRENT
(µA)
ROUT
(k
Ω)
GAIN
(V/V)
12.4
310
10
250
MAX9934T
24.8
620
5
125
62
310
10
50
MAX9934F
75
375
8
40
Table 1. Unidirectional Gain Table*
*
All calculations were made with VCC = 3.3V and VOUT(MAX) =
VCC - VOH = 3.1V.
PART
VSENSE
(mV)
OUTPUT
CURRENT
(µA)
ROUT
(k
Ω)
GAIN (V/V)
±5.8
±145
10
250
±11.6
±290
5
125
MAX9934T
±24
±600
2.4
60
±29
±145
10
50
±58
±290
5
25
MAX9934F
±72
±360
4
20
Table 2. Bidirectional Gain Table*
*
All calculations were made with VCC = 3.3V, VOUT(MAX) = VCC -
VOH = 3.1V, VOUT(MIN) = VOL, and OUT connected to an exter-
nal reference voltage of VREF = 1.65V through ROUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com