Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 16 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 16 Page - Analog Devices

Back Button MAX9934 Datasheet HTML 11Page - Analog Devices MAX9934 Datasheet HTML 12Page - Analog Devices MAX9934 Datasheet HTML 13Page - Analog Devices MAX9934 Datasheet HTML 14Page - Analog Devices MAX9934 Datasheet HTML 15Page - Analog Devices MAX9934 Datasheet HTML 16Page - Analog Devices MAX9934 Datasheet HTML 17Page - Analog Devices MAX9934 Datasheet HTML 18Page - Analog Devices MAX9934 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
16
Maxim Integrated
Effect of Input-Bias Currents
The MAX9934 has extremely low CMOS input-bias cur-
rents at both RS+ and RS- (0.1nA) when the input com-
mon-mode voltage is less than the supply voltage.
When the input common-mode voltage becomes higher
than the supply voltage, it draws the input stage operat-
ing current from RS-, 35µA (typ). RS+ maintains its
CMOS input characteristics.
Low-input-bias currents are extremely useful in design
of input filters for current-sense amplifiers. Input differ-
ential filters are sometimes required to average out
rapidly varying load currents. An example of such load
currents are those consumed by a processor, or
switching power supply. Large bias and offset currents
can interact with resistors used in these external filters
to generate large input offset voltages and gain errors.
For more detailed information, see Application Note
AN3888:
Performance of Current-Sense Amplifiers with
Input Series Resistors.
Due to the low-input-bias currents, resistors as large as
10k
Ω can be easily used without impact on error speci-
fications with the MAX9934. For applications where the
input common-mode voltage is below VCC, a balanced
differential filter can be used. For applications where
the input common-mode voltage extends above VCC,
use a one-sided filter with a capacitor between RS+
and RS-, and a filter resistor in series with RS+ to main-
tain the excellent performance of the MAX9934. See
Figure 7.
PCB Layout
For applications where the input common-mode voltage
extends above VCC, trace resistance between RSENSE
and RS- influences the effective VOS error due to the
voltage drop developed across the trace resistance by
the 35µA input bias current at RS-.
Monitoring Very Low Currents
The accuracy of the MAX9934 leads to a wide dynamic
range. This applies to both unidirectional mode and
bidirectional mode. This is made possible in the unidi-
rectional mode because the output maintains gain
accuracy below 1mV as shown in the VOUT vs. VSENSE
(VOUT < 5mV) graph in the Typical Operating Char-
acteristics. Extending the useful output below 1mV
makes it possible for the MAX9934 to accurately moni-
tor very low currents.
Use as Precision
Instrumentation Amplifier
When the input common-mode voltage is below VCC,
the input bias current of the RS- input drops to the
10pA range, the same range as the RS+ input. This
low-input-bias current in combination with the rail-to-rail
common-mode input range, the extremely high com-
mon-mode rejection, and low VOS of the MAX9934
make it ideally suited for use as a precision instrumen-
tation amplifier. In addition, the MAX9934 is stable into
an infinite capacitive load, allowing filtering flexibility.
Figure 8 shows the MAX9934 in a multiplexed arrange-
ment of strain-gauge amplifiers.
BUCK
CONTROLLER
RS+
RS-
MAX9934
ASIC
Figure 7. One-Sided Input Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com